Electronic Components Datasheet Search
  English  ▼

X  

HV9910DB2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HV9910DB2
Description  Off-Line, High Brightness, SED Driver Demo Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HV9910DB2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HV9910DB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 3Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HV9910DB2v2
Schematic Diagram
Bill of Materials
HV9910B
AC Input
VIN
VDD
LD
EN
GND
CS
GATE
RT
Qty
Ref
Description
Manufacturer
Manufacturer’s Part
Number
2
OUTPUT,
AC INPUT
Terminal block
Onshore Tech.
ED350/2
1
C1
22µF, 400V electrolytic capacitor
Panasonic
EEU-EB2G220S
1
C2
0.1µF, 400V Metallized polypropylene
capacitor
Panasonic
ECW-F4104JB
1
C3
2.2µF, 16V SMD 0805 ceramic capacitor
Panasonic
ECJ-2FB1C225K
1
C4
0.1µF, 25V SMD 0805 ceramic capacitor
Panasonic
ECJ-2VF1E104Z
1
D1
400V, 1.5A Fast - soft recovery diode
Philips
BYV26B
1
F1
2A, 250VAC Sub miniature fuse
Cooper Bussman
BK/PCC-2
1
L1
4.7mH, 0.4A Inductor
Coilcraft
PCH-45-475
1
NTC1
NTC inrush current limiter
Thermometrics
CL-130
1
Q1
500V, 8A D2PAK MOSFET
International Rectifier
IRF840AS
1
R1
464KΩ, 1/8W 0805 SMD resistor
Panasonic
ERJ-6ENF4643V
1
R2
178KΩ, 1/8W 0805 SMD resistor
Panasonic
ERJ-6ENF1783V
1
R3
1KΩ, 1/10W 0805 SMD resistor
Panasonic
ERJ-6ENF1001V
1
R4
0.56Ω, 1%, 1/4W SMD 1206 resistor
Panasonic
ERJ-8RQFR56V
1
POT1
Top adjust 5KΩ trim pot
Murata
PVG3A502A01R00
1
U2
400V, 1A, DF-S, Single phase diode bridge
Diodes, Inc.
DF04S
1
U3
Universal LED driver
Supertex
HV9910BNG-G
1
-
D2PAK heat sink
Aavid Thermalloy
573100d00000
1
VDD, PWMD,
GND
3-Position breakaway header
Molex/Waldom
22-28-4030
Obsolete
Refer to
HV9910BDB2


Similar Part No. - HV9910DB2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910DB6 SUTEX-HV9910DB6 Datasheet
594Kb / 5P
Supertex Driver Evaluation Board for OSRAM OSTAR??LED
More results

Similar Description - HV9910DB2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
Off-Line, High Brightness LED Driver
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
Off-Line, High Brightness LED Driver
logo
IXYS Corporation
CPC9909 IXYS-CPC9909 Datasheet
1Mb / 12P
High Effciency,Off-line, High Brightness LED Driver
logo
Intersil Corporation
ISL97702 INTERSIL-ISL97702_06 Datasheet
85Kb / 5P
OLED Driver Demo Board
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
Demo Board
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
MLX90401 Demo Board
logo
Supertex, Inc
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809_13 Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com