Electronic Components Datasheet Search
  English  ▼

X  

HV9910DB2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HV9910DB2
Description  Off-Line, High Brightness, SED Driver Demo Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HV9910DB2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HV9910DB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 3Page - List of Unclassifed Manufacturers HV9910DB2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Obsolete
Refer to
HV9910BDB2
General Description
The Supertex HV9910DB2v2 demo board is a complete high
current, high brightness (HB) LED power driver to supply
a string of LEDs using the HV9910B IC from a universal
AC input voltage. The demo board can be used to test the
performance of HV9910B as a constant current driver to
power a string or multiple strings of LEDs.
HV9910DB2v2 can supply a maximum output current of
350mA to drive LED strings from a wide input voltage – 90 to
265VAC, 50/60Hz. This wide input voltage range makes this
demo board usable all over the world.
For driving LED strings whose voltage is greater than one-
half of the input voltage, see the HV9910DB3v3 datasheet.
The power conversion stage of HV9910DB2v2 consists of a
diode bridge rectifier followed by a current-controlled buck
converter operating at a switching frequency of 50kHz. The
nominal output current of the demo board can be adjusted
to any value between 35mA and 350mA using the on-board
trimming potentiometer. PWM dimming can be achieved
by applying a pulse-width-modulated square wave signal
between the PWMD and GND pins.
Board Layout and Connections
HV9910DB2v2
Off-Line, High Brightness,
LED Driver Demo Board
Specifications
Input voltage:
90VAC – 265VAC
Load current:
350mA maximum
(adjustable down to 50mA)
Output voltage:
Input voltage
LED string voltage
Min (V)
Max (V)
110VAC
10
40
220VAC
20
50
90-265Vac
50/60Hz
PWM Dimming
(optional)
Enable
Connection
Actual Dimensions: 74.5mm x 42.5mm


Similar Part No. - HV9910DB2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910DB6 SUTEX-HV9910DB6 Datasheet
594Kb / 5P
Supertex Driver Evaluation Board for OSRAM OSTAR??LED
More results

Similar Description - HV9910DB2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
Off-Line, High Brightness LED Driver
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
Off-Line, High Brightness LED Driver
logo
IXYS Corporation
CPC9909 IXYS-CPC9909 Datasheet
1Mb / 12P
High Effciency,Off-line, High Brightness LED Driver
logo
Intersil Corporation
ISL97702 INTERSIL-ISL97702_06 Datasheet
85Kb / 5P
OLED Driver Demo Board
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
Demo Board
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
logo
Melexis Microelectronic...
EVB90401 MELEXIS-EVB90401 Datasheet
269Kb / 6P
MLX90401 Demo Board
logo
Supertex, Inc
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809_13 Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com