Electronic Components Datasheet Search
  English  ▼

X  

EPC-2000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EPC-2000
Description  Fanless, Cable-less and Modularized Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EPC-2000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EPC-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPC-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
All specifications are subject to change without notice.
Optional Accessories
PAC-P065W
65W AC/DC adapter kit
Power Input
100 ~ 240 VAC
Power Output
19VDC, 3.4A, 65W
SSD-25080
Intel® 2.5" 80GB SATAII SSD kit
Brand/Type
Intel / 2.5 inch
Interface
SATAII
Capacity
80GB
Dimensions (W x D x H)
100.45 x 69.85 x 9.5 mm
(3.95" x 2.75" x 0.37")
WMK-2000
Wall-mount kit for EPC-2000 Series
Material
SPCC+Ni
Dimensions (W x D x H)
120 x 4.2 x 190 mm
(4.72" x 0.17" x 7.48")
DRK-2000
Din rail mounting kit for EPC-2000 Series
Material
SPCC+Ni, Al6063
Display Compatibility
Din Rail 35 mm
Optional I/O Expansion
DIO-16/16L(PCI)H
16-CH Input / 16-CH Output Isolated
Digital I/O Board for PCI
Digital Input
16 ch (opto-isolation)
Digital Output
16 ch (opto-isolation)
Interface
PCI
DIO-32/32L(PCI)H
32-CH Input / 32-CH Output Isolated
Digital I/O Board for PCI
Digital Input
32 ch (opto-isolation)
Digital Output
32 ch (opto-isolation)
Interface
PCI
COMM-2PD(PCI)H
2-CH Isolated RS-422A/485 Communication
I/O Board with Isolation for PCI
Serial Port
2 x isolated RS-422A/485 serial ports
Interface
PCI
TML-96
96-pin Din Rail Mountable Screw Terminal
TML-37
37-pin Din Rail Mountable Screw Terminal
CBL-96-1.5P
1.5M length Shielding Cable with 96-pin
Half-pitch Connector at Each End
CBL-37-1.5P
1.5M length Shielding Cable with 37-pin D-
type (M) Connector at Each End



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com