Electronic Components Datasheet Search
  English  ▼

X  

FIT350 Datasheet(PDF) 1 Page - Alpha Wire

Part # FIT350
Description  Heat Shrinkable Tubing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT350 Datasheet(HTML) 1 Page - Alpha Wire

  FIT350 Datasheet HTML 1Page - Alpha Wire FIT350 Datasheet HTML 2Page - Alpha Wire FIT350 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: FIT350
Issue:
3
Page 1 of 2 Pages
Issue Date:
12/31/2008
Effective Date:
3/1/2009
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications
does not ensure product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of
or in connection with the use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
1)
Tubing Type
Heat Shrinkable Tubing
2)
Tubing Material
Irradiated PVDF (Kynar)
3)
Color(s)
CLEAR
Part Number
Minimum
Supplied ID
(In)
Maximum
Recovered
ID (In)
Nominal
Recovered Wall
Thickness (In)
FIT350-3/64
0.046
0.023
0.010
FIT350-1/16
0.063
0.031
0.010
FIT350-3/32
0.093
0.046
0.010
FIT350-1/8
0.125
0.062
0.010
FIT350-3/16
0.187
0.093
0.010
FIT350-1/4
0.250
0.125
0.012
FIT350-3/8
0.375
0.187
0.012
FIT350-1/2
0.500
0.250
0.012
FIT350-3/4
0.750
0.375
0.017
FIT350-1IN
1.000
0.500
0.019
B.
Industry Approvals
1)
UL
Standard 224
VW-1
2)
CSA International
Standard 198
3)
Other
AMS-DTL-23053/8
REACH Regulation (EC 1907/2006)
4)
EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web
site for compliance Date of Manufacture.
C.
Physical & Mechanical Properties
1)
Temperature Range
-55 to 175°C
2)
Shrink Ratio
Approximately 2:1
3)
Full Recovery Temperature
175°C
4)
Tensile Strength
5000psi, Min
ASTM D638
5)
Elongation
150%, Min
ASTM D638
6)
Low Temperature Flex(-55°C)
no cracking
AMS-DTL-23053
7)
Heat Resistance(250°C,168hrs)
100% Elongation, Min
ASTM D638
8)
Heat Shock(300°C,4hrs)
no cracking
AMS-DTL-23053
9)
Secant Modulus
1x10
5 psi, Min
ASTM D882
10) Longitudinal Change
+/-10%
AMS-DTL-23053
11) Specific Gravity
1.80, Max
ASTM D792
12) Deformation(125°C,1 hr)
50% Max
UL 224
13) Shelf Life
5 Years @ 0 to 35°C
D.
Electrical Properties
1)
Dielectric Strength
800 V/mil, Min
ASTM D876
2)
Volume Resistivity
1x10
13 ohm-cm, Min
ASTM D876
E.
Chemical Properties
1)
Water Absorption
0.50%, Max
ASTM D570
2)
Fluid Resistance(23°C,24 Hrs)
5000 PSI, Min
AMS-DTL-23053
3)
Vacuum Outgassing - CVCM
0.03%, Max
ASTM E595
4)
Vacuum Outgassing - TML
0.11%, Max
ASTM E595
5)
Halogen Free
No


Similar Part No. - FIT350

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-105-1 ALPHAWIRE-FIT-105-1 Datasheet
70Kb / 3P
   Customer Specification
FIT-105-1-1-2 ALPHAWIRE-FIT-105-1-1-2 Datasheet
392Kb / 4P
   RoHS-Compliant Commencing With 7/1/2006 Production
FIT-105-1-1/2 ALPHAWIRE-FIT-105-1-1/2 Datasheet
392Kb / 4P
   RoHS-Compliant Commencing With 7/1/2006 Production
FIT-105-1-12 ALPHAWIRE-FIT-105-1-12 Datasheet
75Kb / 3P
   Customer Specification
FIT-105-1-12 ALPHAWIRE-FIT-105-1-12 Datasheet
99Kb / 4P
   Customer Specification
8/30/2022
More results

Similar Description - FIT350

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
   Heat-Shrinkable Tubing
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
   Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
   Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
   Low Smoke Heat-Shrinkable Rubber Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
   Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
   Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com