Electronic Components Datasheet Search
  English  ▼

X  

IO21PDB0V0 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # IO21PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO21PDB0V0 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button IO21PDB0V0 Datasheet HTML 107Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 108Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 109Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 110Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 111Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 112Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 113Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 114Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
4 - 7
4 – SmartFusion Programming
SmartFusion cSoCs have three separate flash areas that can be programmed:
1. The FPGA fabric
2. The embedded nonvolatile memories (eNVMs)
3. The embedded flash ROM (eFROM)
There are essentially three methodologies for programming these areas:
1. In-system programming (ISP)
2. In-application programming (IAP)
a. A2F060 and A2F500: The FPGA fabric, eNVM, and eFROM
b. A2F200: Only the FPGA fabric and the eNVM
3. Pre-programming (non-ISP)
Programming, whether ISP or IAP methodologies are employed, can be done in two ways:
1. Securely using the on chip AES decryption logic
2. In plain text
In-System Programming
In-System Programming is performed with the aid of external JTAG programming hardware. Table 4-1
describes the JTAG programming hardware that will program a SmartFusion cSoC and Table 4-2 defines
the JTAG pins that provide the interface for the programming hardware.
Table 4-1 • Supported JTAG Programming Hardware
Dongle
Source
JTAG
SWD1
SWV2
Program
FPGA
Program
eFROM
Program
eNVM
FlashPro3/4
SoC Products Group
Yes
No
No
Yes
Yes
Yes
ULINK Pro
Keil
Yes
Yes
Yes
Yes3
Yes3
Yes
ULINK2
Keil
Yes
Yes
Yes
Yes3
Yes3
Yes
IAR J-Link
IAR
Yes
Yes
Yes
Yes3
Yes3
Yes
Notes:
1. SWD = ARM Serial Wire Debug
2. SWV = ARM Serial Wire Viewer
3. Planned support
Table 4-2 • JTAG Pin Descriptions
Pin Name
Description
JTAGSEL
ARM Cortex-M3 or FPGA test access port (TAP) controller selection
TRSTB
Test reset bar
TCK
Test clock
TMS
Test mode select
TDI
Test data input
TDO
Test data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com