Electronic Components Datasheet Search
  English  ▼

X  

IO21PDB0V0 Datasheet(PDF) 127 Page - Microsemi Corporation

Part # IO21PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO21PDB0V0 Datasheet(HTML) 127 Page - Microsemi Corporation

Back Button IO21PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 125Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 126Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 127Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 128Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 129Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 130Page - Microsemi Corporation IO21PDB0V0 Datasheet HTML 131Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 13
SPI_1_DO
Out
1
Data output. Second SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
SPI_1_SS
Out
1
Slave select (chip select). Second SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
Universal Asynchronous Receiver/Transmitter (UART) Peripherals
UART_0_RXD
In
1
Receive data. First UART.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
UART_0_TXD
Out
1
Transmit data. First UART.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
UART_1_RXD
In
1
Receive data. Second UART.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
UART_1_TXD
Out
1
Transmit data. Second UART.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
Ethernet MAC
MAC_CLK
In
Rise
Receive clock. 50 MHz ± 50 ppm clock source received from RMII PHY.
Can be left floating when unused.
MAC_CRSDV
In
High
Carrier sense/receive data valid for RMII PHY
Can also be used as an FPGA User IO (see "IO" on page 5-6).
MAC_MDC
Out
Rise
RMII management clock
Can also be used as an FPGA User IO (see "IO" on page 5-6).
MAC_MDIO
In/Out
1
RMII management data input/output
Can also be used as an FPGA User IO (see "IO" on page 5-6).
MAC_RXDx
In
2
Ethernet MAC receive data. Data recovered and decoded by PHY. The
RXD[0] signal is the least significant bit.
Can also be used as an FPGA User I/O (see "IO" on page 5-6).
MAC_RXER
In
HIGH
Ethernet MAC receive error. If MACRX_ER is asserted during reception,
the frame is received and status of the frame is updated with
MACRX_ER.
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
MAC_TXDx
Out
2
Ethernet MAC transmit data. The TXD[0] signal is the least significant
bit.
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
MAC_TXEN
Out
HIGH
Ethernet MAC transmit enable. When asserted, indicates valid data for
the PHY on the TXD port.
Can also be used as an FPGA User I/O (see "IO" on page 5-6).
Name
Type
Polarity/
Bus Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com