Electronic Components Datasheet Search
  English  ▼

X  

CMD264UBD Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMD264UBD
Description  Blue LED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMD264UBD Datasheet(HTML) 1 Page - Visual Communications Company

  CMD264UBD Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-1 and T-1 3/4 Blue LED Lamps
Description and Features
Electro-Optical Characteristics and Ratings
These revolutionary new LED lamps emit
a true blue color (430 nm) for those design
engineers looking for that fourth status
color. Lamps are manufactured with state
of the art Silicon Carbide (SIC) technology.
LED lamps are available in both T-1 and
T-1 3/4 package sizes, in both diffused
and non-diffused lens types.
ANODE
.100
Ø.128
Ø.114
T Y P .
.020 S Q.
.040
MIN.
1.00
.040
.177
All dimensions
in inches.
ANODE
.100
Ø.232
Ø.197
T Y P .
.020 S Q.
.0400
MIN.
1.00
.040
.339
T-1
T-1 3/4
800
350
250
100
-20 to +80
-20 to +80
98
12
430
-
600
5.5
4.9
20
C lear
B lue
C MD383UB C
100
-20 to +80
-20 to +80
98
24
430
-
250
5.5
4.9
20
C lear
B lue
C MD383UB C /H2
100
-20 to +80
-20 to +80
98
30
430
-
160
5.5
4.9
20
C lear
B lue
C MD264UB C
C MD264UB D
Diffused
P AR T NUMB E R
Output C olor
P ackage C olor
Test C urrent (mA)
Forward Voltage Typ. (V)
F orward Voltage Max. (V)
Luminous Intensity Min. (mcd)
Luminous Intensity T yp. (mcd)
P eak Wavelength (nm)
S torage Temperature (
°C )
Peak Forward C urrent Max. (1
µs @ 10% duty cycle) (mA)
Diffusion
Viewing Angle 20 1/2 (degrees)
B lue
B lue
20
4.9
5.5
63
100
-
430
45
98
-20 to +80
-20 to +80
100
Non-Diffused
Non-Diffused
Non-Diffused
R everse Voltage (IR =100
µA) (V)
5
5
5
5
Luminous Intensity Max. (mcd)
P ower Dissipation (mW)
Operating Temperature (
°C)
Lead S older T ime @ 260
°C
5
5
5
5
T-1 3/4
T -1


Similar Part No. - CMD264UBD

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD264UBD CML-CMD264UBD Datasheet
67Kb / 1P
   T-1 and T-1 3/4 Blue LED Lamps
More results

Similar Description - CMD264UBD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HB136 YSTONE-BL-HB136 Datasheet
112Kb / 1P
   BLUE CHIP LED LAMPS
logo
A-BRIGHT Inc
AL-XB3361 A-BRIGHT-AL-XB3361 Datasheet
339Kb / 5P
   Super Blue Axial LED Lamps
2006/10/18
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-PM00-N0000 AVAGO-HLMP-PM00-N0000 Datasheet
145Kb / 7P
   Subminiature Blue and Green InGaN LED Lamps
logo
A-BRIGHT Inc
AL-HB433 A-BRIGHT-AL-HB433_09 Datasheet
207Kb / 5P
   1206 Package Blue SMD Chip LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
A-BRIGHT Inc
AL-HB435A A-BRIGHT-AL-HB435A_09 Datasheet
207Kb / 5P
   0805 Package Blue SMD Chip LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com