Electronic Components Datasheet Search
  English  ▼

X  

IO28RSB0 Datasheet(PDF) 135 Page - Microsemi Corporation

Part # IO28RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO28RSB0 Datasheet(HTML) 135 Page - Microsemi Corporation

Back Button IO28RSB0 Datasheet HTML 131Page - Microsemi Corporation IO28RSB0 Datasheet HTML 132Page - Microsemi Corporation IO28RSB0 Datasheet HTML 133Page - Microsemi Corporation IO28RSB0 Datasheet HTML 134Page - Microsemi Corporation IO28RSB0 Datasheet HTML 135Page - Microsemi Corporation IO28RSB0 Datasheet HTML 136Page - Microsemi Corporation IO28RSB0 Datasheet HTML 137Page - Microsemi Corporation IO28RSB0 Datasheet HTML 138Page - Microsemi Corporation IO28RSB0 Datasheet HTML 139Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 19
VQ100
Pin Number
A3P030 Function
1GND
2
IO82RSB1
3
IO81RSB1
4
IO80RSB1
5
IO79RSB1
6
IO78RSB1
7
IO77RSB1
8
IO76RSB1
9GND
10
IO75RSB1
11
IO74RSB1
12
GEC0/IO73RSB1
13
GEA0/IO72RSB1
14
GEB0/IO71RSB1
15
IO70RSB1
16
IO69RSB1
17
VCC
18
VCCIB1
19
IO68RSB1
20
IO67RSB1
21
IO66RSB1
22
IO65RSB1
23
IO64RSB1
24
IO63RSB1
25
IO62RSB1
26
IO61RSB1
27
IO60RSB1
28
IO59RSB1
29
IO58RSB1
30
IO57RSB1
31
IO56RSB1
32
IO55RSB1
33
IO54RSB1
34
IO53RSB1
35
IO52RSB1
36
IO51RSB1
37
VCC
38
GND
39
VCCIB1
40
IO49RSB1
41
IO47RSB1
42
IO46RSB1
43
IO45RSB1
44
IO44RSB1
45
IO43RSB1
46
IO42RSB1
47
TCK
48
TDI
49
TMS
50
NC
51
GND
52
VPUMP
53
NC
54
TDO
55
TRST
56
VJTAG
57
IO41RSB0
58
IO40RSB0
59
IO39RSB0
60
IO38RSB0
61
IO37RSB0
62
IO36RSB0
63
GDB0/IO34RSB0
64
GDA0/IO33RSB0
65
GDC0/IO32RSB0
66
VCCIB0
67
GND
68
VCC
69
IO31RSB0
70
IO30RSB0
71
IO29RSB0
72
IO28RSB0
VQ100
Pin Number
A3P030 Function
73
IO27RSB0
74
IO26RSB0
75
IO25RSB0
76
IO24RSB0
77
IO23RSB0
78
IO22RSB0
79
IO21RSB0
80
IO20RSB0
81
IO19RSB0
82
IO18RSB0
83
IO17RSB0
84
IO16RSB0
85
IO15RSB0
86
IO14RSB0
87
VCCIB0
88
GND
89
VCC
90
IO12RSB0
91
IO10RSB0
92
IO08RSB0
93
IO07RSB0
94
IO06RSB0
95
IO05RSB0
96
IO04RSB0
97
IO03RSB0
98
IO02RSB0
99
IO01RSB0
100
IO00RSB0
VQ100
Pin Number
A3P030 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com