Electronic Components Datasheet Search
  English  ▼

X  

IO28RSB0 Datasheet(PDF) 142 Page - Microsemi Corporation

Part # IO28RSB0
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO28RSB0 Datasheet(HTML) 142 Page - Microsemi Corporation

Back Button IO28RSB0 Datasheet HTML 138Page - Microsemi Corporation IO28RSB0 Datasheet HTML 139Page - Microsemi Corporation IO28RSB0 Datasheet HTML 140Page - Microsemi Corporation IO28RSB0 Datasheet HTML 141Page - Microsemi Corporation IO28RSB0 Datasheet HTML 142Page - Microsemi Corporation IO28RSB0 Datasheet HTML 143Page - Microsemi Corporation IO28RSB0 Datasheet HTML 144Page - Microsemi Corporation IO28RSB0 Datasheet HTML 145Page - Microsemi Corporation IO28RSB0 Datasheet HTML 146Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 210 page
background image
Package Pin Assignments
4- 26
R e v i sio n 1 5
TQ144
Pin Number
A3P125 Function
1
GAA2/IO67RSB1
2
IO68RSB1
3
GAB2/IO69RSB1
4
IO132RSB1
5
GAC2/IO131RSB1
6
IO130RSB1
7
IO129RSB1
8
IO128RSB1
9VCC
10
GND
11
VCCIB1
12
IO127RSB1
13
GFC1/IO126RSB1
14
GFC0/IO125RSB1
15
GFB1/IO124RSB1
16
GFB0/IO123RSB1
17
VCOMPLF
18
GFA0/IO122RSB1
19
VCCPLF
20
GFA1/IO121RSB1
21
GFA2/IO120RSB1
22
GFB2/IO119RSB1
23
GFC2/IO118RSB1
24
IO117RSB1
25
IO116RSB1
26
IO115RSB1
27
GND
28
VCCIB1
29
GEC1/IO112RSB1
30
GEC0/IO111RSB1
31
GEB1/IO110RSB1
32
GEB0/IO109RSB1
33
GEA1/IO108RSB1
34
GEA0/IO107RSB1
35
VMV1
36
GNDQ
37
NC
38
GEA2/IO106RSB1
39
GEB2/IO105RSB1
40
GEC2/IO104RSB1
41
IO103RSB1
42
IO102RSB1
43
IO101RSB1
44
IO100RSB1
45
VCC
46
GND
47
VCCIB1
48
IO99RSB1
49
IO97RSB1
50
IO95RSB1
51
IO93RSB1
52
IO92RSB1
53
IO90RSB1
54
IO88RSB1
55
IO86RSB1
56
IO84RSB1
57
IO83RSB1
58
IO82RSB1
59
IO81RSB1
60
IO80RSB1
61
IO79RSB1
62
VCC
63
GND
64
VCCIB1
65
GDC2/IO72RSB1
66
GDB2/IO71RSB1
67
GDA2/IO70RSB1
68
GNDQ
69
TCK
70
TDI
71
TMS
72
VMV1
TQ144
Pin Number
A3P125 Function
73
VPUMP
74
NC
75
TDO
76
TRST
77
VJTAG
78
GDA0/IO66RSB0
79
GDB0/IO64RSB0
80
GDB1/IO63RSB0
81
VCCIB0
82
GND
83
IO60RSB0
84
GCC2/IO59RSB0
85
GCB2/IO58RSB0
86
GCA2/IO57RSB0
87
GCA0/IO56RSB0
88
GCA1/IO55RSB0
89
GCB0/IO54RSB0
90
GCB1/IO53RSB0
91
GCC0/IO52RSB0
92
GCC1/IO51RSB0
93
IO50RSB0
94
IO49RSB0
95
NC
96
NC
97
NC
98
VCCIB0
99
GND
100
VCC
101
IO47RSB0
102
GBC2/IO45RSB0
103
IO44RSB0
104
GBB2/IO43RSB0
105
IO42RSB0
106
GBA2/IO41RSB0
107
VMV0
108
GNDQ
TQ144
Pin Number
A3P125 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com