Electronic Components Datasheet Search
  English  ▼

X  

C4710-02 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C4710-02
Description  HIGH VOLTAGE POWER SUPPLY UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4710-02 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C4710-02 Datasheet HTML 1Page - Hamamatsu Corporation C4710-02 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
HIGH VOLTAGE
POWER SUPPLY UNIT
C4710 SERIES
Parameter
C4710
C4710-01
C4710-02
C4710-50
C4710-51
C4710-52
+15 ± 1
95
260
±
0.01
+12 ± 1
120
340
+24 ± 1
65
145
+15 ± 1
95
260
+12 ± 1
120
340
+24 ± 1
65
145
C4710 Series
Unit
lnformation furnished by HA MAM ATS U is believed to be reliabIe. However, no responsibility is assumed for possibIe inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1995 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
The C4710 series are PC-board mountable high voltage supplies for photomultiplier tubes. The series has six standard versions.
Input Voltage
Input Current at Maximum
Output Voltage
Specification Guaranteed
Output Voltage Range
Output Current
Input Regulation against ± 1V Input Change
Load Regulation against 0 to 100%
Load Change
Ripple / Noise (p-p)
Output Voltage Controlling Modes
Controlling Voltage Input Impedance
Output Voltage Setting
Output Voltage Rise Time (0
100%)
Temperature Coefficient
Operating Temperature Range
Storage Temperature Range
Dimensions (W
H
D)
Weight
Protective Functions
with no load
with full load
Vdc
mA (Max.)
% (Typ.)
% (Typ.)
k
(Typ.)
V
ms (Typ.)
%/
(Typ.)
mm
g
mA (Typ.)
Vdc
% (Typ.)
1
0.005
By external controlling voltage (+0.8 to +5 V) or external potentiometer (10 k )
±
(Controlling voltage
300) ± 0.5%
100
±
0.01
+5 to +40
-10 to +60
65
27.5
45
105
+240 to +1500
-240 to -1500
±
0.01
±
0.015
±
0.015
±
0.015
±
0.01
±
0.02
±
0.01
±
0.02
±
0.01
±
0.015
±
0.01
Units protected against reversed power input, reversed/excessive controlling
voltage input, continuous overloading/short circuit in output
56
40
FEATURES
Compact and Lightweight
High Stability
High Output Power
Complete Fail-safe Functions
Six-plane Metal Shielded
TACCF0113


Similar Part No. - C4710-02

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4710 VECTRON-C4710 Datasheet
121Kb / 4P
   OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
More results

Similar Description - C4710-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9619 HAMAMATSU-C9619 Datasheet
158Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
C4900 HAMAMATSU-C4900 Datasheet
141Kb / 2P
   HIGH VOLTAGE POWER SUPPLY UNIT
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
   Power supply unit
2019-04-09
103133 PHOENIX-103133 Datasheet
511Kb / 20P
   Power supply unit
2016-09-15
logo
Festo Corporation.
2247682 FESTO-2247682 Datasheet
75Kb / 1P
   Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
   Power supply unit
2247681 FESTO-2247681 Datasheet
73Kb / 1P
   Power supply unit
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
   Power supply unit
March 2015 Rev 1
logo
Festo Corporation.
8149581 FESTO-8149581 Datasheet
78Kb / 1P
   Power supply unit
logo
PHOENIX CONTACT
103126 PHOENIX-103126 Datasheet
352Kb / 17P
   Power supply unit
2015-08-28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com