Electronic Components Datasheet Search
  English  ▼

X  

M309315 Datasheet(PDF) 1 Page - E-SWITCH

Part # M309315
Description  LAMP VOLTAGE: NO LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M309315 Datasheet(HTML) 1 Page - E-SWITCH

  M309315 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966DBLKBLKFR
1.5:1
3/13/2007
M309315
B
TN
1
1
PC MOUNTING
12.60
[.496 in]
12.00
[.472 in]
.80
[.031 in]
17.10
[.673 in]
18.50
[.728 in]
14.00
[.551 in]
2.70
[.106 in]
2.00
[.079 in]
9.80
[.386 in]
14.9
[.587 in]
20.80
[.819 in]
14.80
[.583 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP VOLTAGE: NO LAMP
6. MATERIAL:
CONTACT SURFACE: COIN SILVER, SILVER PLATED.
TERMINAL: COPPER ALLOY W/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
A
14812
RELEASED FOR PRODUCTION
4/6/05
AR
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.2
19.4
19.8
RECOMMENDED PANEL MOUNTING
X
13.00 +0.1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
1a-1
OPEN
1-1b
1
1a
1b
CURCUIT: SPDT
ACTUATOR:
BLACK
HOUSING:
BLACK
31
7.00
[.276 in]
7.00
[.276 in]
TYP.
n1.85
[.073 in]
1.20
[.047 in]
B
17095
ADDED TERM. NUMBERS
3/13/07
TN
1b
11a
1a


Similar Part No. - M309315

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309310 E-SWITCH-M309310 Datasheet
33Kb / 1P
   All Dimensions In MM
M309311 E-SWITCH-M309311 Datasheet
33Kb / 1P
   All Dimensions In MM
M309312 E-SWITCH-M309312 Datasheet
56Kb / 1P
   All Dimensions In MM
M309313 E-SWITCH-M309313 Datasheet
59Kb / 1P
   All Dimensions In MM
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results

Similar Description - M309315

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com