Electronic Components Datasheet Search
  English  ▼

X  

M309329 Datasheet(PDF) 1 Page - E-SWITCH

Part # M309329
Description  LAMP VOLTAGE: NO LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M309329 Datasheet(HTML) 1 Page - E-SWITCH

  M309329 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966DBLKBLKBS
1.5:1
4/6/2006
M309329
B
BK
1
1
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP VOLTAGE: NO LAMP
6. MATERIAL:
CONTACT SURFACE: SILVER ALLOY.
TERMINAL: COPPER ALLOY W/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10. 2002/95/EC (ROHS) COMPLIANT.
11.
DENOTES CRITICAL PARAMETER.
A
15925
RELEASED FOR PRODUCTION
4/6/06
BK
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
1a-1
OPEN
1-1b
1
1a
1b
CIRCUIT: SPDT
ACTUATOR COLOR
BLACK
3
1
5.53
[.218 in]
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.20-19.30
19.30-19.40
19.50-19.60
RECOMMENDED PANEL MOUNTING
X
12.85 +0.5
20.80
[.819 in]
14.80
[.583 in]
9.61
[.378 in]
HOUSING COLOR:
BLACK
2.00
[.079 in]
14.00
[.551 in]
.50
[.020 in]
1.73
[.068 in]
8.00
[.315 in]
6.00
[.236 in]
17.45
[.687 in]
18.60
[.732 in]
3.68
[.145 in]
3.00
[.118 in]
12.50
[.492 in]
B
B
19359
UPDATE HOUSING
11/02/10
BMA


Similar Part No. - M309329

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309320 E-SWITCH-M309320 Datasheet
166Kb / 1P
   All Dimensions In MM
M309321 E-SWITCH-M309321 Datasheet
37Kb / 1P
   All Dimensions In MM
M309322 E-SWITCH-M309322 Datasheet
40Kb / 1P
   All Dimensions In MM
M309324 E-SWITCH-M309324 Datasheet
104Kb / 1P
   TERM. NOS. FOR REF. ONLY
M309326 E-SWITCH-M309326 Datasheet
175Kb / 1P
   All Dimensions In MM
More results

Similar Description - M309329

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com