Electronic Components Datasheet Search
  English  ▼

X  

LISP25L Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # LISP25L
Description  25W AC/DC LED Drivers with Metal Case
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

LISP25L Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  LISP25L Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LISP25L Series
25W AC/DC LED Drivers with Metal Case
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bluilding 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
#LISP25L-2011-0512
INPUT SPECIFICATIONS
Input Voltage ............................ 90~277 VAC
Input Frequency ....................... 47~63 Hz
Input Current ............................ 0.25A rms max. for 110 VAC,
0.14A rms max. for 220 VAC
Inrush Current ......................... 20A max. @ 110 VAC,
40A max. @ 220 VAC
Leakage Current ..................... 0.3mA max. @ 110 VAC
0.7mA max. @ 220 VAC
Surge Current .......................... 20mA @ 110 VAC
40mA @ 220 VAC
Power Factor ........................... 0.95 min. @ 110 VAC,
0.90 min. @ 220 VAC
OUTPUT SPECIFICATIONS
Output Power ........................... 25W
Output Voltage ......................... See table
Efficiency ................................. 85% typical
Operating Temperature .......... -20°C to +60°C
Storage Temperature .............. -40°C to +85°C
Operating Humidity ................. 5% to 95% RH non-condensing
Protections .............................. OVP, OCP, Short-Circuit
OVP .......................................... 125% max.
Dielectric Strength ................... 10mA max. cut-off current
Primary to Secondary ...... 3000 VAC for 1 minute
Primary to Case ............... 3000 VAC for 1 minute
Insulation Resistance
Primary to Secondary ...... 10M
Ω for 500 VDC
Primary to Case ............... 10M
Ω for 500 VDC
MTBF ........................................ 80K hours minimum at full load,
40°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• 90~277 VAC Universal Input
• Constant Output Current with Optional Constant Output Voltage
• Suited for T8 LED Light Bars
• Isolated Configuration
• Power Factor up to 0.95
• High Efficiency, 85% Typical
• Short Circuit, Overload, and Overvoltage Protections
MODELS LIST
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
.
n
i
M
)
V
(
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
)
V
(
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
)
A
m
(
t
n
e
r
r
u
C
0
0
4
1
-
8
1
-
L
5
2
P
S
I
L
V
0
1
V
8
1
A
m
0
0
4
1
0
0
0
1
-
5
2
-
L
5
2
P
S
I
L
V
8
1
V
5
2
A
m
0
0
0
1
0
0
7
-
6
3
-
L
5
2
P
S
I
L
V
4
2
V
6
3
A
m
0
0
7
0
8
4
-
2
5
-
L
5
2
P
S
I
L
V
6
3
V
2
5
A
m
0
8
4
0
5
3
-
2
7
-
L
5
2
P
S
I
L
V
0
5
V
2
7
A
m
0
5
3
MECHANICAL SPECIFICATIONS
Unit: mm
GENERAL SPECIFICATIONS
Input Cable, N ......................... Brown, 6.69in (170mm)
L ......................... Blue, 6.69in (170mm)
Output Cable, V+ ..................... Red, 6.69in (170mm)
V- ...................... Black, 6.69in (170mm)
Case Material .......................... Metal
Dimensions (LxWxH) .............. 9.51 x 1.24 x 1.17 inches
Weight ...................................... Approx. 250g
STANDARDS & COMPLIANCES
FCC .......................................... Class B, conducted and radiated
EN61000-3-2 ........................... Harmonic distortion, Class C
EN61000-3-3 ........................... Line flicker
EN61000-4-2 ........................... ESD, ±15KV air and ±8KV contact
EN61000-4-4 ........................... Fast transient/burst, ±1KV
EN61000-4-5 ........................... Surge, ±1KV diff.
Other EMC Standards .............. EN55105, EN61547,
EN61000-4-3, EN61000-4-6,
EN61000-4-8, EN61000-4-11
Other Standards ...................... UL 60950-1, RoHS
Agency Approvals .................... CE, FCC
R170
6.80
3.40
Note: Other special output voltage and output current options available.


Similar Part No. - LISP25L

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
LISP60 TRUMPOWER-LISP60 Datasheet
42Kb / 1P
60 Watt AC/DC LED Drivers with Water Resistance
More results

Similar Description - LISP25L

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
25W, AC-DC converter
logo
Recom International Pow...
RACD25 RECOM-RACD25 Datasheet
68Kb / 2P
25W Class II AC-DC LED Power Supply
logo
Tumbler Technologies + ...
LIS40 TRUMPOWER-LIS40 Datasheet
41Kb / 1P
40 Watt AC/DC LED Drivers with Water Resistance
LISP60 TRUMPOWER-LISP60 Datasheet
42Kb / 1P
60 Watt AC/DC LED Drivers with Water Resistance
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
216Kb / 11P
5-25W, AC-DC CONVERTER
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
5-25W, AC/DC converter
logo
ETA-USA
AOJS25 ETA-USA-AOJS25 Datasheet
944Kb / 4P
25W AC /DC Inrush Current Limit
2014
logo
List of Unclassifed Man...
LEDDC60W-086-C0700-XX ETC2-LEDDC60W-086-C0700-XX Datasheet
643Kb / 4P
AC or DC Input Switch Mode LED Drivers
LEDDC25W-072-C0350-XX ETC2-LEDDC25W-072-C0350-XX Datasheet
734Kb / 4P
AC or DC Input Switch Mode LED Drivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com