Electronic Components Datasheet Search
  English  ▼

X  

GMS81C2012 Datasheet(PDF) 106 Page - Hynix Semiconductor

Part # GMS81C2012
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 Datasheet(HTML) 106 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 99Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 100Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 101Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 102Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 103Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 104Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 105Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 106Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 107Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 106 / 107 page
background image
C. MASK ORDER SHEET
MASK ORDER & VERIFICATION SHEET
GMS81C20XX-HI
1. Customer Information
Company Name
Application
Order Date
YYYY
Tel:
Fax:
Name &
Signature:
.O TP file d ata
File Name
(Please check mark
√ into
)
Customer should write inside thick line box.
64LQFP
64SDIP
64MQFP
(
) .OTP
YYWW
KOREA
GMS81C20XX-HI
Customer’s logo
Chollian
Internet
Hitel
Package
12K
20K
ROM Size (bytes)
Check Sum
(
)
2. Device Information
MM
DD
3000H
(20K )
5000H
(12K )
7FFF H
3. Marking Specification
Customer logo is not required.
YYWW
KOREA
GMS81C20XX-HI
HME
Customer’s part number
If the customer logo must be used in the special mark, please submit a clean original of the logo.
4. Delivery Schedule
Date
Quantity
HME Confirmation
YYYY
MM
DD
YYYY
MM
DD
Customer sample
Risk order
pcs
pcs
E-mail address:
5. ROM Code Verification
YYYY
MM
DD
Verification date:
Please confirm out verification data.
Check sum:
Tel:
Fax:
Name &
Signature:
E-mail address:
YYYY
MM
DD
Approval date:
I agree with your verification data and confirm you to
make mask set.
Tel:
Fax:
Name &
Signature:
E-mail address:
+<81'$,#0LFUR(OHFWURQLFV
Semiconductor Group of Hyundai Electronics Industries Co., Ltd.
12 or 20
S et “FF H” in blan ked area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com