Electronic Components Datasheet Search
  English  ▼

X  

SG-8002CE Datasheet(PDF) 3 Page - Epson Company

Part # SG-8002CE
Description  CRYSTAL OSCILLATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-8002CE Datasheet(HTML) 3 Page - Epson Company

  SG-8002CE Datasheet HTML 1Page - Epson Company SG-8002CE Datasheet HTML 2Page - Epson Company SG-8002CE Datasheet HTML 3Page - Epson Company SG-8002CE Datasheet HTML 4Page - Epson Company SG-8002CE Datasheet HTML 5Page - Epson Company SG-8002CE Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Crystal oscillator
SG-8002JA
SOJ 4pin 14.0x9.8x4.7 mm
Package and pin compatible with SG-615.
0.51
5.08
0.25Min.
14.0 Max.
#1
#2
#4
#3
7.62
100.0000 C
2PH
9357B
EPSON
5.08
1.3
SG-8002DC
DIP half size
19.8 Max.
0.51
15.24
0.2 Min.
7.62
0.25
90
~105
13.7 Max.
0.51
7.62
0.2Min.
7.62
0.25
90
~105
EPSON
2PH
9357B
16.0000 C 2PH
EPSON 9357B
100.0000 C
#1
#4
#5
#8
#1
#7
#8
#14
SG-8002DB
DIP full size
Note.
OE Pin (PT, PH, PC)
OE Pin = "H" or "open": Specified frequency output.
OE Pin = "L": Output is high impedance.
ST
Pin (ST, SH, SC)
ST
Pin = "H" or "open": Specified frequency output.
ST
Pin = "L": Output is low level (weak pull - down), oscillation
stops.
To maintain stable operation, provide a 0.01uF to 0.1uF by-pass capacitor
at a location as near as possible to the power source terminal of the crys-
tal product (between Vcc - GND).
Pin map
Pin
Connection
1
OE or ST
2
GND
3
OUT
4
VCC
Pin map: SG-8002DC
Pin
Connection
1
OE or ST
4
GND
5
OUT
8
VCC
Pin map: SG-8002DB
Pin
Connection
1
OE or ST
7
GND
8
OUT
14
VCC
External dimensions and Recommended footprint (Continued)
(Unit:mm)
Products number
(Please contact us for each product.)
SG-8002CE:
Q3321CExxxxxx00
SG-8002JC:
Q3307JCx2xxxx00
SG-8002LB:
Q3323LBxxxxxx00
SG-8002JA:
Q3306JAx2xxxx00
SG-8002CA:
Q3309CAx0xxxx00
SG-8002DC:
Q3204DCx2xxxx00
SG-8002JF:
Q3308JFx2xxxx00
SG-8002DB:
Q3203DBx2xxxx00
SG-8002JC
SOJ 4pin 10.5x5.8x2.7 mm
Package and pin compatible with SG-636.
0.51
5.08
0.05Min.
10.5 Max.
#1
#2
#4
#3
3.6
(1.0)
(1.0)
E125.0000 C
2PH
9357B
5.08
1.3
The metal case inside of the molding com-
pound may be exposed on the top or bottom
of this product.
This purely cosmetic and does not have any
effect on quality, reliabil
ity or electrical specs.


Similar Part No. - SG-8002CE

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-8002CE EPSONTOYOCOM-SG-8002CE Datasheet
481Kb / 4P
CRYSTAL OSCILLATOR
logo
EPCOS
SG-8002CE-PC EPCOS-SG-8002CE-PC Datasheet
516Kb / 5P
CRYSTAL OSCILLATOR PROGRAMMABLE
SG-8002CE-PT EPCOS-SG-8002CE-PT Datasheet
516Kb / 5P
CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Epson Company
SG-8002CE-PTB EPSON-SG-8002CE-PTB Datasheet
175Kb / 1P
Product Configuration System
logo
EPCOS
SG-8002CE-SC EPCOS-SG-8002CE-SC Datasheet
516Kb / 5P
CRYSTAL OSCILLATOR PROGRAMMABLE
More results

Similar Description - SG-8002CE

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com