Electronic Components Datasheet Search
  English  ▼

X  

ICS1892Y Datasheet(PDF) 145 Page - Integrated Circuit Systems

Part # ICS1892Y
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y Datasheet(HTML) 145 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 140Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 141Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 142Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 143Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 144Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 145Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 146Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 147Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 148Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 145 / 148 page
background image
Chapter 11
Physical Dimensions of ICS1892
ICS1892, Rev. D, 2/26/01
February 26, 2001
145
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 11
Physical Dimensions of ICS1892 Package
This section gives the physical dimensions for the various ICS1892 packages.
• The lead count (N) for all packages is 64 leads.
• The nominal footprint (that is the body) for all packages is 2.0 mm.
Table 11-1 lists the ICS1892 physical dimensions, which are shown in Figure 11-1.
Note:
The ICS1892Y-10 (LQFP) package does not have the heat disapation ability of the ICS1892Y or
ICS1892Y-14. Special application is required to use this package.
Table 11-1.
ICS1892 Physical Dimensions
Dimension
Chip
ICS1892Y
(MQFP)
ICS1892Y-10
(LQFP)
ICS1892Y-14
(LQFP)
Sym-
bol
Description
Nominal
(mm)
Tolerance
(mm)
Nominal
(mm)
Tolerance
(mm)
Nominal
(mm)
Tolerance
(mm)
A
Full Package Height
3.00
Maximum
1.60
Maximum
1.60
Maximum
A1
Package Standoff
0.25
Maximum
0.15
Maximum
0.15
Maximum
A2
Package Thickness
2.7
+0.10 / -0.05
1.4
±0.05
1.4
±0.05
B
Lead Width with
Plate
0.35
+0.10 / -0.05
0.22
+0.05 / -0.05
0.37
+0.08 / -0.05
D
Tip-to-Tip Width
17.20
±0.25
12.0
Basic
16.0
Basic
D1
Body Width
14.00
±0.10
10.0
Basic
14.0
Basic
E
Tip-to-Tip Width
17.20
±0.25
12.0
Basic
16.0
Basic
E1
Body Width
14.00
±0.10
10.0
Basic
14.0
Basic
e
Lead Pitch
0.80
Basic
0.50
Basic
0.80
Basic
H
Lead Height with
Plate
0.23
Maximum
.16
+0.04 / -0.07
.16
+0.04 / -0.07
L
Foot Length
0.88
±0.15
0.60
±0.15
0.60
±0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com