Electronic Components Datasheet Search
  English  ▼

X  

CA124 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA124
Description  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA124 Datasheet(HTML) 1 Page - Intersil Corporation

  CA124 Datasheet HTML 1Page - Intersil Corporation CA124 Datasheet HTML 2Page - Intersil Corporation CA124 Datasheet HTML 3Page - Intersil Corporation CA124 Datasheet HTML 4Page - Intersil Corporation CA124 Datasheet HTML 5Page - Intersil Corporation CA124 Datasheet HTML 6Page - Intersil Corporation CA124 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
796.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001
CA124, CA224, CA324, LM324, LM2902
Quad, 1MHz, Operational Amplifiers for
Commercial, Industrial, and Military
Applications
The CA124, CA224, CA324, LM324, and LM2902 consist of
four independent, high-gain operational amplifiers on a
single monolithic substrate. An on-chip capacitor in each of
the amplifiers provides frequency compensation for unity
gain. These devices are designed specially to operate from
either single or dual supplies, and the differential voltage
range is equal to the power-supply voltage. Low power drain
and an input common-mode voltage range from 0V to V+
-1.5V (single-supply operation) make these devices suitable
for battery operation.
Features
• Operation from Single or Dual Supplies
• Unity-Gain Bandwidth . ...... ..... ...... .1MHz (Typ)
• DC Voltage Gain ..... ...... ..... ...... 100dB (Typ)
• Input Bias Current .... ...... ..... ...... . 45nA (Typ)
• Input Offset Voltage ... ...... ..... ...... . 2mV (Typ)
• Input Offset Current
- CA224, CA324, LM324, LM2902 . . ...... .. 5nA (Typ)
- CA124. ..... ...... ...... ..... ...... .. 3nA (Typ)
• Replacement for Industry Types 124, 224, 324
Applications
• Summing Amplifiers
• Multivibrators
• Oscillators
• Transducer Amplifiers
• DC Gain Blocks
Pinout
CA124, CA224, CA324, LM2902 (PDIP, SOIC)
LM324 (PDIP)
TOP VIEW
Part Number Information
PART
NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA0124E
-55 to 125
14 Ld PDIP
E14.3
CA0124M
(124)
-55 to 125
14 Ld SOIC
M14.15
CA0124M96
(124)
-55 to 125
14 Ld SOIC Tape and
Reel
M14.15
CA0224E
-40 to 85
14 Ld PDIP
E14.3
CA0224M
(224)
-40to85
14 LdSOIC
M14.15
CA0324E
0 to 70
14 Ld PDIP
E14.3
CA0324M
(324)
0to70
14 LdSOIC
M14.15
CA0324M96
(324)
0to70
14 LdSOIC Tapeand
Reel
M14.15
LM324N
0 to 70
14 Ld PDIP
E14.3
LM2902N
-40 to 85
14 Ld PDIP
E14.3
LM2902M
(2902)
-40to 85
14Ld SOIC
M14.15
LM2902M96
(2902)
-40 to85
14 LdSOIC Tapeand
Reel
M14.15
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
4
2
3
OUTPUT 1
OUTPUT 2
OUTPUT 4
V-
OUTPUT 3
V+
POS.
INPUT 2
POS.
INPUT 1
NEG.
INPUT 1
NEG.
INPUT 3
POS.
INPUT 3
POS.
INPUT 4
NEG.
INPUT 4
NEG.
INPUT 2
Data Sheet
May 2001
itle
12
224
324
324
290
b-
ad,
Hz,
ra-
al
pli-
s
-
-
,
us-
l,
i-
li-
s)
tho
y-
ds
er-
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T


Similar Part No. - CA124

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12400 CREE-CA12400 Datasheet
123Kb / 3P
Tina series
logo
Ledil, Inc.
CA12400 LEDIL-CA12400 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12400 LEDIL-CA12400_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
logo
Cree, Inc
CA12401 CREE-CA12401 Datasheet
66Kb / 2P
Tina series
logo
Ledil, Inc.
CA12401 LEDIL-CA12401 Datasheet
3Mb / 4P
~30째 medium beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
More results

Similar Description - CA124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com