Electronic Components Datasheet Search
  English  ▼

X  

CA741 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA741
Description  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA741 Datasheet(HTML) 5 Page - Intersil Corporation

  CA741 Datasheet HTML 1Page - Intersil Corporation CA741 Datasheet HTML 2Page - Intersil Corporation CA741 Datasheet HTML 3Page - Intersil Corporation CA741 Datasheet HTML 4Page - Intersil Corporation CA741 Datasheet HTML 5Page - Intersil Corporation CA741 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FIGURE 5. TRANSIENT RESPONSE FOR CA741C AND CA741
Metallization Mask Layout
CA741CH
CA1458H
NOTE: Dimensions in parentheses are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-
3 inch).
Typical Performance Curves (Continued)
30
25
20
15
20
5
0
-0.5
0
-0.5
1.0
1.5
2.0
2.5
3.0
TIME (
µs)
10%
RISE TIME
90%
DC SUPPLY VOLTS (V+ = 15, V- = -15)
TA = 25
oC, C
L = 100pF
0
10
20
3040
5060 64
54 - 62
(1.372 - 1.575)
61 - 69
(1.549 - 1.753)
4 - 10
(0.102 - 0.254)
57
50
40
30
20
10
0
55
50
40
30
20
10
0
60
0
1020304050
7080
100
104
90
101 - 109
(2.565 - 2.768)
4 - 10
(0.102 - 0.254)
52 - 60
(1.321 - 1.524)
CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458


Similar Part No. - CA741

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA741 HARRIS-CA741 Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
List of Unclassifed Man...
CA741 ETC2-CA741 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
CA741CE HARRIS-CA741CE Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
CA741T HARRIS-CA741T Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
More results

Similar Description - CA741

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com