Electronic Components Datasheet Search
  English  ▼

X  

UPC1933 Datasheet(PDF) 6 Page - NEC

Part # UPC1933
Description  DC-DC CONVERTER CONTROL IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1933 Datasheet(HTML) 6 Page - NEC

  UPC1933 Datasheet HTML 1Page - NEC UPC1933 Datasheet HTML 2Page - NEC UPC1933 Datasheet HTML 3Page - NEC UPC1933 Datasheet HTML 4Page - NEC UPC1933 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 5 page
background image
Data Sheet G13690EJ3V0DS00
6
µµµµ PC1933
Electrical Characteristics (unless otherwise specified, TA
= 25 °°°°C, VCC ==== 3 V, fOSC = 100 kHz)
Block
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Start-up voltage
VCC (L-H)
IREF = 0.1 mA
1.57
V
Operation stop voltage
VCC (H-L)
IREF = 0.1 mA
1.5
V
Hysteresis voltage
VH
IREF = 0.1 mA
30
70
mV
Under
voltage
Lock-out
section
Reset voltage (timer latch)
VCCR
IREF = 0.1 mA
1.0
V
Reference voltage
VREF
IREF = 1 mA
2.0
2.1
2.2
V
Line regulation
REGIN
2.5 V
≤VCC≤20 V
2
12.5
mV
Load regulation
REGL
0.1 mA
≤IREF≤1 mA
2
7.5
mV
Reference
Voltage
section
Temperature coefficient
∆VREF/∆T
−20 °C≤TA≤+85 °C, IREF = 0 A
0.5
%
fOSC setting accuracy
∆fOSC
RT = 18 k
Ω−20
+30
%
Oscillation
section
fOSC total stability
∆fOSC
−20 °C≤TA≤+85 °C,
2.5 V
≤VCC≤20 V
−20
+50
%
Maximum duty
DMAX.
85
%
PWM
comparator
section
Soft start time
tSS
CDLY = 0.1
µ F50
ms
Input threshold voltage
VITH
0.285
0.3
0.315
V
Input bias current
IB
−100
+100
nA
Open loop gain
Av
VO = 0.3 V
70
80
dB
Unity gain
funity
VO = 0.3 V
1.5
MHz
Maximum output voltage (
+)
VOM
+
IO =
−45
µ A1.6
2
V
Maximum output voltage (
−)
VOM
−
IO = 45
µ A
0.02
0.5
V
Output sink current
IOsink
VFB = 0.5 V
0.8
1.4
m A
Error
Amplifier
section
Output source current
IOsource
VFB = 1.6 V
−70
−45
µ A
Drain cutoff current
ILEAK
VO = 30 V
100
µ A
Output ON voltage
VOL
RL = 150
Ω
0.2
0.6
V
Rise time
tr
RL = 150
Ω
50
ns
Output
section
Fall time
tf
RL = 150
Ω
60
ns
Input sense voltage
VTH
1.75
1.92
2.05
V
UV sense voltage
VUV
0.8
0.85
V
Source current on short-circuiting
IOUV
1.0
1.6
2.7
µ A
Short-circuit
Protection
section
Delay time
tDLY
CDLY = 0.1
µ F50
ms
Overall
Circuit operation current
ICC
VCC = 3 V
1.4
2.6
3.9
mA
Caution Connect a capacitor of 0.01 to 10
µµµµ F to the VREF pin.
CREF = 0.01 to 10 F
µ
µ
PC1933
4
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com