Electronic Components Datasheet Search
  English  ▼

X  

SD453N Datasheet(PDF) 10 Page - International Rectifier

Part # SD453N
Description  FAST RECOVERY DIODES Stud Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD453N Datasheet(HTML) 10 Page - International Rectifier

  SD453N Datasheet HTML 1Page - International Rectifier SD453N Datasheet HTML 2Page - International Rectifier SD453N Datasheet HTML 3Page - International Rectifier SD453N Datasheet HTML 4Page - International Rectifier SD453N Datasheet HTML 5Page - International Rectifier SD453N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
SD453N/R Series
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.1
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Mounting torque, ± 10%
50
Nm
Not lubricated threads
wt
Approximate weight
454
g
Case style
B - 8
See Outline Table
°C
0.04
Parameter
Units
Conditions
K/W
Thermal and Mechanical Specifications
SD453N/R
S20
S30
180°
0.010
0.010
0.008
0.008
T
J
= T
J
max.
120°
0.014
0.014
0.014
0.014
90°
0.017
0.017
0.019
0.019
K/W
60°
0.025
0.025
0.026
0.026
30°
0.042
0.042
0.042
0.042
Conduction angle
Units
Conditions
S20
S30
S20
S30
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Sinusoidal conduction
Rectangular conduction
Ordering Information Table
SD
45
3
N
25 S30
P
S
C
1
2
3
4
5
6
7
Device Code
8
9
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-
t
rr
code (see Recovery Characteristics table)
7
-
P = Stud base B-8 3/4" 16UNF-2A
M = Stud base B-8 M24 X 1.5
8
-7 S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
T = Threaded Top Terminal 3/8" 24UNF-2A
9
-
C = Ceramic housing
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com