Electronic Components Datasheet Search
  English  ▼

X  

SD703C Datasheet(PDF) 10 Page - International Rectifier

Part # SD703C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD703C Datasheet(HTML) 10 Page - International Rectifier

  SD703C Datasheet HTML 1Page - International Rectifier SD703C Datasheet HTML 2Page - International Rectifier SD703C Datasheet HTML 3Page - International Rectifier SD703C Datasheet HTML 4Page - International Rectifier SD703C Datasheet HTML 5Page - International Rectifier SD703C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
SD703C..L Series
D-689
180°
0.011
0.011
0.008
0.008
T
J
= T
J
max.
120°
0.013
0.014
0.013
0.013
90°
0.017
0.017
0.018
0.018
K/W
60°
0.024
0.025
0.026
0.026
30°
0.043
0.043
0.043
0.044
Single Side Double Side
Single Side Double Side
Sinusoidal conduction
Rectangular conduction
Units
Conditions
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Conduction angle
Ordering Information Table
SD
70
3
C
25 S20
L
1
2
3
4
5
6
7
Device Code
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
t
rr
code
7
-
L = Puk Case DO-200AB (B-PUK)
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance, case junction
0.092
DCoperation single side cooled
to heatsink
0.046
DCoperation double side cooled
F
Mounting force, ± 10%
9800
N
(1000)
(Kg)
wt
Approximate weight
250
g
Case style
DO-200AB (B-PUK)
See Outline Table
°C
Parameter
Units
Conditions
Thermal and Mechanical Specifications
SD703C..L
S20
S30
K/W
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com