Electronic Components Datasheet Search
  English  ▼

X  

SD853C Datasheet(PDF) 10 Page - International Rectifier

Part # SD853C
Description  FAST RECOVERY DIODES Hockey Puk Version
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD853C Datasheet(HTML) 10 Page - International Rectifier

  SD853C Datasheet HTML 1Page - International Rectifier SD853C Datasheet HTML 2Page - International Rectifier SD853C Datasheet HTML 3Page - International Rectifier SD853C Datasheet HTML 4Page - International Rectifier SD853C Datasheet HTML 5Page - International Rectifier SD853C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
SD853C..S50K Series
D-735
T
J
Max. junction operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.04
DC operation single side cooled
junction to heatsink
0.02
DC operation double side cooled
F
Mounting force, ± 10%
22250
N
(2250)
(Kg)
wt
Approximate weight
425
g
Case style
DO-200AC (K-PUK)
See outline table
Parameter
SD853C..S50K
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
Sinusoidal conduction
Rectangular conduction
180°
0.0017
0.0019
0.0012
0.0012
T
J
= T
J
max.
120°
0.0021
0.0021
0.0021
0.0021
90°
0.0026
0.0027
0.0029
0.0029
K/W
60°
0.0039
0.0039
0.0041
0.0041
30°
0.0067
0.0067
0.0068
0.0068
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
t
rr
code
7
-
K = Puk Case DO-200AC (K-PUK)
SD
85
3
C
45 S50
K
1
2
3
4
5
6
7
Device Code
Ordering Information Table
To Order
Index
Previous Datasheet
Next Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com