| Electronic Components Datasheet Search |
|
UPD17708 Datasheet(PDF) 219 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17708 Datasheet(HTML) 219 Page - NEC |
|
219 / 356 page ![]() 219 µPD17704, 17705, 17707, 17708, 17709 Figure 16-3. Configuration of Serial I/O0 Mode Selection Register Name Flag symbol b3 S I O 0 C H b2 S B b1 S I O 0 M S b0 S I O 0 T X Address 0FH Read/Write R/W Serial I/O0 mode selsction Power-ON reset WDT&SP reset CE reset Clock stop 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 Serial input (Hi-Z) : RX Serial output : TX General-purpose port Serial output : TX 2-wire (SDA/P0A3 pin) 3-wire (SO0/P0A0 pin) Sets serial I/O of SDA/P0A3 pin (2-wire) and SO0/P0A0 pin (3-wire) ( selects reception RX or transmission TX ) 0 1 0 1 0 1 I2C bus mode Serial I/O mode Sets direction of shift clock Slave operation (external clock input) Master operation (internal clock output) External clock input Internal clock output Serial I/O0 not used I2C bus mode 2-wire serial I/O mode 3-wire serial I/O mode Sets mode of serial I/O0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |