Electronic Components Datasheet Search
  English  ▼

X  

PM0214 Datasheet(PDF) 208 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 204Page - STMicroelectronics PM0214 Datasheet HTML 205Page - STMicroelectronics PM0214 Datasheet HTML 206Page - STMicroelectronics PM0214 Datasheet HTML 207Page - STMicroelectronics PM0214 Datasheet HTML 208Page - STMicroelectronics PM0214 Datasheet HTML 209Page - STMicroelectronics PM0214 Datasheet HTML 210Page - STMicroelectronics PM0214 Datasheet HTML 211Page - STMicroelectronics PM0214 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 245 page
background image
Core peripherals
PM0214
208/245
DocID022708 Rev 4
4.4.2
CPUID base register (CPUID)
Address offset: 0x00
Reset value: 0x410F C241
Required privilege: Privileged
The CPUID register contains the processor part number, version, and implementation
information.
Bit 2
DISFOLD
Disables folding of IT instructions:
0: Enables IT instructions folding.
1: Disables IT instructions folding.
In some situations, the processor can start executing the first instruction in an IT block while it
is still executing the IT instruction. This behavior is called IT folding, and improves
performance, However, IT folding can cause jitter in looping. If a task must avoid jitter, set the
DISFOLD bit to 1 before executing the task, to disable IT folding.
Bit 1
DISDEFWBUF
This bit only affects write buffers implemented in the Cortex-M4 processor.
Disables write buffer use during default memory map accesses: This causes all BusFaults to
be precise BusFaults but decreases performance because any store to memory must
complete before the processor can execute the next instruction.
0: Enable write buffer use: stores to memory is competed before next instruction.
1: Disable write buffer use.
Bit 0
DISMCYCINT
Disables interrupt of multi-cycle instructions. When set to 1, disables interruption of load
multiple and store multiple instructions. This increases the interrupt latency of the processor
because any LDM or STM must complete before the processor can stack the current state and
enter the interrupt handler.
0: Enable interruption latency of the processor (load/store and multiply/divide operations).
1: Disable interruptions latency.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Implementer
Variant
Constant
r
rrrr
r
r
r
r
r
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
PartNo
Revision
r
rrrr
r
r
r
r
r
rrrr
r
r
Bits 31:24
Implementer: Implementer code
0x41: ARM
Bits 23:20
Variant: Variant number
The r value in the rnpn product revision identifier
0x0: revision 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com