Electronic Components Datasheet Search
  English  ▼

X  

UPD98404 Datasheet(PDF) 9 Page - NEC

Part # UPD98404
Description  ADVANCED ATM SONET FRAMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98404 Datasheet(HTML) 9 Page - NEC

  UPD98404 Datasheet HTML 1Page - NEC UPD98404 Datasheet HTML 2Page - NEC UPD98404 Datasheet HTML 3Page - NEC UPD98404 Datasheet HTML 4Page - NEC UPD98404 Datasheet HTML 5Page - NEC UPD98404 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 6 page
background image
Data Sheet S11822EJ4V0DS00
9
µµµµPD98404
1. PIN FUNCTIONS
1.1 PMD Interface
(1/2)
Pin name
Pin No.
I/O level
I/O
Function
RDIT
54
P-ECL
True(+)
I
RDIC
55
P-ECL
Complement(-)
I
Serial receive data input. When PSEL [1:0] is set to 00, the data is
sampled on a clock recovered by the internal clock recovery PLL.
When PSEL [1:0] is set to 01, the data is sampled on the clock input
to RCIT/RCIC.
RCIT
51
P-ECL
True(+)
I
RCIC
52
P-ECL
Complement(-)
I
Serial receive clock input (155.52 MHz).
When PSEL [1:0] is set to 01, the input is used as a receive clock.
TDOT
47
P-ECL
True(+)
O
TDOC
48
P-ECL
Complement(-)
O
Serial transmit data output. The data is output in sync with the rising
edge of the serial clock TCOT.
TCOT
43
P-ECL
True(+)
O
TCOC
44
P-ECL
Complement(-)
O
Serial transmit clock output (155.52 MHz).
When PSEL [1:0] is set to 00, the clock generated by the internal
synthesizer PLL is output as the transmit clock. When PSEL [1:0] is
set to 01, the clock supplied to TFKT/TFKC is output.
Depending on the mode selected, the transmit data may be latched
by the receive clock for output. Even in such a case, this pin outputs
the clock of the internal synthesizer or the clock input to the
TFKT/TFKC pin in accordance with the setting of the PSEL[1:0] pins.
It does not output the receive recovery clock.
TFKT
40
P-ECL
True(+)
I
TFKC
41
P-ECL
Complement(-)
I
Serial transmit clock input (155.52 MHz).
When PSEL [1:0] is set to 01, the input is used as the transmit clock.
RPD0-
RPD7
61-68
TTL*
I
Parallel receive data input. When PSEL [1:0] is set to 1X, these pins
input receive data. The data is sampled in sync with the rising edge
of parallel receive clock RPC.
RPC
59
TTL*
I
Parallel receive clock input (19.44 MHz).
When PSEL [1:0] is set to 1X to select parallel mode, this pin inputs a
19.44 MHz receive clock.
TPD0-
TPD7
17-24
TTL*
O
Parallel transmit data output. When PSEL [1:0] is set to 1X to select
parallel mode, these pins output transmit data in sync with the rising
edge of PC.
TPC
25
TTL*
O
Parallel transmit clock output. When PSEL [1:0] is set to 1X, this pin
outputs the clock (19.44 MHz) supplied to TFC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com