Electronic Components Datasheet Search
  English  ▼

X  

UT2200-50 Datasheet(PDF) 4 Page - Marktech Corporate

Part # UT2200-50
Description  LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

UT2200-50 Datasheet(HTML) 4 Page - Marktech Corporate

  UT2200-50_15 Datasheet HTML 1Page - Marktech Corporate UT2200-50_15 Datasheet HTML 2Page - Marktech Corporate UT2200-50_15 Datasheet HTML 3Page - Marktech Corporate UT2200-50_15 Datasheet HTML 4Page - Marktech Corporate UT2200-50_15 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
4
CPR3DP Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the UT2200 product. Actual curves will vary slightly for the various radiant
flux and dominant wavelength bins.
Relative Intensity vs. Forward Current
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
30
If (mA)
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Dominant Wavelength Shift vs. Forward Current
Forward Current vs. Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vf (V)
Blue
Green
0
5
10
15
20
25
30
If (mA)
Relative Intensity vs. Peak Wavelength
0
10
20
30
40
50
60
70
80
90
100
360 380 400 420 440 460 480 500 520 540 560 580 600 620 640
Wavelength (nm)
Blue
Green


Similar Part No. - UT2200-50_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
UT2200-50 MARKTECH-UT2200-50 Datasheet
1Mb / 5P
LED
More results

Similar Description - UT2200-50_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
HB Electronic Component...
330IB7C HB-330IB7C Datasheet
210Kb / 3P
LED
330LW7C HB-330LW7C Datasheet
284Kb / 4P
LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com