Electronic Components Datasheet Search
  English  ▼

X  

UT2200-50 Datasheet(PDF) 2 Page - Marktech Corporate

Part # UT2200-50
Description  LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

UT2200-50 Datasheet(HTML) 2 Page - Marktech Corporate

  UT2200-50_15 Datasheet HTML 1Page - Marktech Corporate UT2200-50_15 Datasheet HTML 2Page - Marktech Corporate UT2200-50_15 Datasheet HTML 3Page - Marktech Corporate UT2200-50_15 Datasheet HTML 4Page - Marktech Corporate UT2200-50_15 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
2
CPR3DP Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxUT2200-Sxxxxx
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1 kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM) Note 2
500 V
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 5 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5 V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460UT2200-Sxxxxx
2.7
2.9
3.1
2
21
C470UT2200-Sxxxxx
2.7
2.9
3.1
2
22
C527UT2200-Sxxxxx
2.7
3.0
3.2
2
35
Mechanical Specifications
CxxxUT2200-Sxxxxx
Description
Dimension
Tolerance
P-N Junction Area (μm)
150 x 150
± 25
Top Area (μm)
200 x 200
± 25
Bottom Area (Substrate) (μm)
150 x 150
± 25
Chip Thickness (μm)
50
± 10
Au Bond Pad Diameter (μm)
90
-5, +15
Au Bond Pad Thickness (μm)
1.2
± 0.5
Back Contact Metal Area (μm)
80 x 80
± 25
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the ESD ratings shown.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 5 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by manufacturer in large quantities and are provided for information only. All
measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an
integrating sphere using Illuminance E.
Caution: To obtain optimum output efficiency, the amount of epoxy used should be characterized based upon the specific
application.
1.
2.
3.
4.
C460UT2200-S0550
C460UT2200-0201
C460UT2200-0202
C460UT2200-0203
C460UT2200-0204
8.0 mW
5.5 mW
Dominant Wavelength
455 nm
460 nm
465 nm
462.5 nm
457.5 nm
C460UT2200-S0800
C460UT2200-0205
C460UT2200-0206
C460UT2200-0207
C460UT2200-0208
8.0 mW
Dominant Wavelength
455 nm
460 nm
465 nm
462.5 nm
457.5 nm
C470UT2200-S0550
C470UT2200-0201
C470UT2200-0202
C470UT2200-0203
C470UT2200-0204
8.0 mW
5.5 mW
Dominant Wavelength
465 nm
470 nm
472.5 nm
467.5 nm
475 nm
C470UT2200-S0800
C470UT2200-0205
C470UT2200-0206
C470UT2200-0207
C470UT2200-0208
8.0 mW
Dominant Wavelength
465 nm
470 nm
472.5 nm
467.5 nm
475 nm


Similar Part No. - UT2200-50_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
UT2200-50 MARKTECH-UT2200-50 Datasheet
1Mb / 5P
   LED
More results

Similar Description - UT2200-50_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com