Electronic Components Datasheet Search
  English  ▼

X  

TLV61220 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV61220
Description  TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV61220 Datasheet(HTML) 4 Page - Texas Instruments

  TLV61220_15 Datasheet HTML 1Page - Texas Instruments TLV61220_15 Datasheet HTML 2Page - Texas Instruments TLV61220_15 Datasheet HTML 3Page - Texas Instruments TLV61220_15 Datasheet HTML 4Page - Texas Instruments TLV61220_15 Datasheet HTML 5Page - Texas Instruments TLV61220_15 Datasheet HTML 6Page - Texas Instruments TLV61220_15 Datasheet HTML 7Page - Texas Instruments TLV61220_15 Datasheet HTML 8Page - Texas Instruments TLV61220_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLV61220
SLVSB53A – MAY 2012 – REVISED DECEMBER 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input voltage on VBAT, SW, VOUT, EN, FB
–0.3
7.5
V
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply voltage at VIN
0.7
5.5
V
TA
Operating free air temperature range
–40
85
°C
TJ
Operating virtual junction temperature range
–40
125
°C
8.4 Thermal Information
TLV61220
THERMAL METRIC(1)
DBV
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
185.7
RθJC(top)
Junction-to-case (top) thermal resistance
124.3
RθJB
Junction-to-board thermal resistance
31.3
°C/W
ψJT
Junction-to-top characterization parameter
22.9
ψJB
Junction-to-board characterization parameter
30.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TLV61220


Similar Part No. - TLV61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220A TI-TLV61220A Datasheet
1Mb / 24P
TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBV TI-TLV61220ADBV Datasheet
1Mb / 24P
TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBVR TI-TLV61220ADBVR Datasheet
1Mb / 24P
TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220DBVR TI1-TLV61220DBVR Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
logo
TECH PUBLIC Electronics...
TLV61220DBVR-TP TECHPUBLIC-TLV61220DBVR-TP Datasheet
7Mb / 10P
Low Start-up Synchronous Boost Converter
More results

Similar Description - TLV61220_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
White LED Step-Up Converter In Tiny SOT-23 Package
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Richtek Technology Corp...
RT5760 RICHTEK-RT5760 Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com