Electronic Components Datasheet Search
  English  ▼

X  

TLV61220 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV61220
Description  TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV61220 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV61220_15 Datasheet HTML 2Page - Texas Instruments TLV61220_15 Datasheet HTML 3Page - Texas Instruments TLV61220_15 Datasheet HTML 4Page - Texas Instruments TLV61220_15 Datasheet HTML 5Page - Texas Instruments TLV61220_15 Datasheet HTML 6Page - Texas Instruments TLV61220_15 Datasheet HTML 7Page - Texas Instruments TLV61220_15 Datasheet HTML 8Page - Texas Instruments TLV61220_15 Datasheet HTML 9Page - Texas Instruments TLV61220_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
G000
Output Current - mA
V =0.7V
I
V =1.2V
I
V =1.5V
I
V =1.8V
o
Input Voltage - V
Minimum I
SW
I
=380mA
SW
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.27
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Input Voltage - V
Minimum I
SW
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.9
1.0
1.1
1.2
1.3
1.4
I
=330mA
SW
Input Voltage - V
Minimum I
SW
I
=400mA
SW
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.27
0.7
1.2
1.7
2.2
2.7
3
TLV61220
SLVSB53A – MAY 2012 – REVISED DECEMBER 2014
www.ti.com
8.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
Input Voltage, ISW = 330 mA, Minimum ISW= 200 mA, VO = 1.8V
Figure 1
Output Current
Input Voltage, ISW = 400 mA, Minimum ISW = 200 mA, VO = 3.3V
Figure 2
Input Voltage, ISW = 380 mA, Minimum ISW = 200 mA, VO = 5V
Figure 3
vs Output Current, VO = 1.8 V, VI = [0.7 V; 1.2 V; 1.5 V]
Figure 4
Efficiency
vs Output Current, VO = 3.3 V, VI = [0.7 V; 1.2 V; 2.4V; 3V]
Figure 5
vs Output Current, VO = 5 V, VI = [0.7 V; 1.2 V; 3.6V; 4.2V]
Figure 6
vs Input Voltage, VO = 1.8 V, IO = [100µA; 1mA ; 10mA; 50mA]
Figure 7
Efficiency
vs Input Voltage, VO = 3.3 V, IO = [100µA; 1mA ; 10mA; 50mA]
Figure 8
vs Input Voltage, VO = 5 V, IO = [100µA; 1mA ; 10mA; 50mA]
Figure 9
vs Output Current, VO = 1.8 V, VI = [0.7 V; 1.2 V]
Figure 10
Output Voltage
vs Output Current, VO = 3.3 V, VI = [0.7 V; 1.2 V; 2.4 V]
Figure 11
VO = 3.3 V
VO = 1.8 V
Figure 2. Maximum Output Current vs Input Voltage
Figure 1. Maximum Output Current vs Input Voltage
VO = 5 V
Figure 3. Maximum Output Current vs Input Voltage
Figure 4. Efficiency vs Output Current and Input Voltage
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TLV61220


Similar Part No. - TLV61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220A TI-TLV61220A Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBV TI-TLV61220ADBV Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBVR TI-TLV61220ADBVR Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220DBVR TI1-TLV61220DBVR Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220DBVT TI1-TLV61220DBVT Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
More results

Similar Description - TLV61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Texas Instruments
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
   White LED Step-Up Converter In TSOT-23 Package
logo
Richtek Technology Corp...
RT5760 RICHTEK-RT5760 Datasheet
1Mb / 23P
   6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com