Electronic Components Datasheet Search
  English  ▼

X  

TLV61220 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV61220
Description  TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV61220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV61220_15 Datasheet HTML 3Page - Texas Instruments TLV61220_15 Datasheet HTML 4Page - Texas Instruments TLV61220_15 Datasheet HTML 5Page - Texas Instruments TLV61220_15 Datasheet HTML 6Page - Texas Instruments TLV61220_15 Datasheet HTML 7Page - Texas Instruments TLV61220_15 Datasheet HTML 8Page - Texas Instruments TLV61220_15 Datasheet HTML 9Page - Texas Instruments TLV61220_15 Datasheet HTML 10Page - Texas Instruments TLV61220_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1.7
1.8
1.8
1.9
1.9
0.01
0.1
1
10
100
Output Current - mA
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =1.2V
I
V =0.7V
I
V =1.8V
o
Input Voltage - V
Io=100 A
:
Io=50mA
Io=1mA
0
10
20
30
40
50
60
70
80
90
100
0.7
1.7
2.7
3.7
4.7
5.7
Io=1mA
Vo=5V
Io=50mA
Io=1mA
Io=10mA
Io=100 A
:
Vo=1.8V
Input Voltage - V
0
10
20
30
40
50
60
70
80
90
100
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Input Voltage - V
0
10
20
30
40
50
60
70
80
90
100
0.7
1.2
1.7
2.2
2.7
3.2
3.7
Io=100 A
:
Io=50mA
Io=1mA
Io=10mA
Vo=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
G000
Output Current - mA
V =0.7V
I
V =2.4V
I
V =0.7V
I
V =3V
I
V =1.2V
I
V =3.3V
o
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
G000
Output Current - mA
Output Current - mA
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =3.6V
I
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =4.2V
I
V =0.7V
I
V =0.7V
I
V =0.7V
I
V =1.2V
I
V =5V
o
TLV61220
www.ti.com
SLVSB53A – MAY 2012 – REVISED DECEMBER 2014
Figure 5. Efficiency vs Output Current and Input Voltage
Figure 6. Efficiency vs Input Voltage and Output Current
Figure 7. Efficiency vs Input Voltage and Output Current
Figure 8. Efficiency vs Input Voltage and Output Current
Figure 9. Efficiency vs Input Voltage and Output Current
Figure 10. Output Voltage vs Output Current and Input
Voltage
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV61220


Similar Part No. - TLV61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220A TI-TLV61220A Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBV TI-TLV61220ADBV Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220ADBVR TI-TLV61220ADBVR Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220A Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
NOVEMBER 2024
TLV61220DBVR TI1-TLV61220DBVR Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220DBVT TI1-TLV61220DBVT Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
More results

Similar Description - TLV61220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
   1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Texas Instruments
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
   White LED Step-Up Converter In TSOT-23 Package
logo
Richtek Technology Corp...
RT5760 RICHTEK-RT5760 Datasheet
1Mb / 23P
   6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com