Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 278 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 278 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 274Page - Microchip Technology PIC17C752 Datasheet HTML 275Page - Microchip Technology PIC17C752 Datasheet HTML 276Page - Microchip Technology PIC17C752 Datasheet HTML 277Page - Microchip Technology PIC17C752 Datasheet HTML 278Page - Microchip Technology PIC17C752 Datasheet HTML 279Page - Microchip Technology PIC17C752 Datasheet HTML 280Page - Microchip Technology PIC17C752 Datasheet HTML 281Page - Microchip Technology PIC17C752 Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 328 page
background image
PIC17C7XX
DS30289A-page 278
© 1998 Microchip Technology Inc.
Package Type:
K04-049 68-Lead Plastic Leaded Chip Carrier (L) – Square
MIN
Mold Draft Angle Bottom
Mold Draft Angle Top
J-Bend Inside Radius
Shoulder Inside Radius
Upper Lead Length
Lower Lead Width
Upper Lead Width
Lead Thickness
Pins along Width
Footprint Length
Footprint Width
Molded Pack. Length
Molded Pack. Width
Overall Pack. Length
Overall Pack. Width
Corner Chamfer (other)
Corner Chamfer (1)
Side 1 Chamfer Dim.
Shoulder Height
Overall Pack. Height
Standoff
Pitch
c
β
α
R2
R1
L
B
B1†
n1
D2
E2
D‡
E‡
D1
E1
CH2
CH1
A3
A2
A1
A
e1
Number of Pins
Dimension Limits
Units
n
0.012
0.010
0.008
0.025
0.005
0.058
0.018
0.029
0
0.015
0.003
0
0.050
0.015
0.026
10
5
0.035
0.010
0.065
0.021
0.031
510
17
0.920
0.920
0.954
0.954
0.990
0.990
0.005
0.045
0.026
0.025
0.103
0.175
0.050
0.910
0.910
0.950
0.950
0.985
0.985
0.017
0.000
0.035
0.021
0.095
0.165
0.930
0.930
0.958
0.958
0.995
0.995
0.010
0.055
0.031
0.032
0.110
0.185
0.30
0.25
0.20
0
0.38
0.08
1.27
0.38
0.66
0
10
5
5
0.64
0.13
0.46
0.72
1.46
10
0.89
0.25
0.53
1.65
0.79
23.37
23.37
24.23
24.23
25.15
25.15
24.13
24.13
25.02
25.02
23.11
23.11
0.89
0.53
0.43
2.41
4.19
0.00
17
23.62
23.62
24.33
24.33
25.27
25.27
0.62
0.66
1.14
0.13
2.60
4.45
1.27
0.81
1.40
0.25
0.79
4.70
2.79
68
NOM
INCHES*
MAX
NOM
MILLIMETERS
MIN
68
MAX
1
CH2 x 45
°
n
CH1 x 45
°
2
β
R2
A1
R1
c
E2
D1
D
# leads = n1
E1
E
α
p
L
B
A3
A2
A
B1
32
°
D2
* Controlling Parameter.
† Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010" (0.254 mm) per side or 0.020" (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com