Electronic Components Datasheet Search
  English  ▼

X  

PIC17C752 Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 173Page - Microchip Technology PIC17C752 Datasheet HTML 174Page - Microchip Technology PIC17C752 Datasheet HTML 175Page - Microchip Technology PIC17C752 Datasheet HTML 176Page - Microchip Technology PIC17C752 Datasheet HTML 177Page - Microchip Technology PIC17C752 Datasheet HTML 178Page - Microchip Technology PIC17C752 Datasheet HTML 179Page - Microchip Technology PIC17C752 Datasheet HTML 180Page - Microchip Technology PIC17C752 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 177
PIC17C7XX
16.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The analog-to-digital (A/D) converter module has
twelve analog inputs for the PIC17C75X devices and
sixteen for the PIC17C76X devices.
The analog input charges a sample and hold capacitor.
The output of the sample and hold capacitor is the input
into the converter. The converter then generates a dig-
ital result of this analog level via successive approxima-
tion. This A/D conversion, of the analog input signal,
results in a corresponding 10-bit digital number.
The analog reference voltages (positive and negative
supply) are software selectable to either the device’s
supply voltages (AVDD, AVss) or the voltage level on
the RG3/AN0/VREF+ and RG2/AN1/VREF- pins.
The A/D converter has a unique feature of being able
to operate while the device is in SLEEP mode. To oper-
ate in sleep, the A/D clock must be derived from the
A/D’s internal RC oscillator.
The A/D module has four registers. These registers
are:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register0 (ADCON0)
• A/D Control Register1 (ADCON1)
The ADCON0 register, shown in Figure 16-1, controls
the operation of the A/D module. The ADCON1 regis-
ter, shown in Figure 16-2, configures the functions of
the port pins. The port pins can be configured as ana-
log inputs (RG3 and RG2 can also be the voltage refer-
ences) or as digital I/O.
FIGURE 16-1: ADCON0 REGISTER (ADDRESS: 14h, BANK 5)
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
CHS3
CHS2
CHS1
CHS0
—
GO/DONE
—
ADON
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-4: CHS3:CHS0: Analog Channel Select bits
0000
= channel 0, (AN0)
0001
= channel 1, (AN1)
0010
= channel 2, (AN2)
0011
= channel 3, (AN3)
0100
= channel 4, (AN4)
0101
= channel 5, (AN5)
0110
= channel 6, (AN6)
0111
= channel 7, (AN7)
1000
= channel 8, (AN8)
1001
= channel 9, (AN9)
1010
= channel 10, (AN10)
1011
= channel 11, (AN11)
1100
= channel 12, (AN12) (PIC17C76X only)
1101
= channel 13, (AN13) (PIC17C76X only)
1110
= channel 14, (AN14) (PIC17C76X only)
1111
= channel 15, (AN15) (PIC17C76X only)
11xx
= RESERVED, do not select (PIC17C75X only)
bit 3:
Unimplemented: Read as '0'
bit 2:
GO/DONE: A/D Conversion Status bit
If ADON = 1
1 = A/D conversion in progress (setting this bit starts the A/D conversion which is automatically cleared
by hardware when the A/D conversion is complete)
0 = A/D conversion not in progress
bit 1:
Unimplemented: Read as '0'
bit 0:
ADON: A/D On bit
1 = A/D converter module is operating
0 = A/D converter module is shutoff and consumes no operating current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com