| Electronic Components Datasheet Search |
|
PIC17C752 Datasheet(PDF) 190 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752 Datasheet(HTML) 190 Page - Microchip Technology |
|
190 / 328 page ![]() PIC17C7XX DS30289A-page 190 © 1998 Microchip Technology Inc. 17.1 Configuration Bits The PIC17CXXX has eight configuration locations (Table 17-1). These locations can be programmed (read as '0') or left unprogrammed (read as '1') to select various device configurations. Any write to a configura- tion location, regardless of the data, will program that configuration bit. A TABLWT instruction is required to write to program memory locations. The configuration bits can be read by using the TABLRD instructions. Reading any configuration location between FE00h and FE07h will read the low byte of the configuration word (Figure 17-1) into the TABLATL register. The TAB- LATH register will be FFh. Reading a configuration location between FE08h and FE0Fh will read the high byte of the configuration word into the TABLATL regis- ter. The TABLATH register will be FFh. Addresses FE00h through FE0Fh are only in the pro- gram memory space for microcontroller and code pro- tected microcontroller modes. A device programmer will be able to read the configuration word in any pro- cessor mode. See programming specifications for more detail. TABLE 17-1: CONFIGURATION LOCATIONS Bit Address FOSC0 FE00h FOSC1 FE01h WDTPS0 FE02h WDTPS1 FE03h PM0 FE04h PM1 FE06h BODEN FE0Eh PM2 FE0Fh Note: When programming the desired configura- tion locations, they must be programmed in ascending order. Starting with address FE00h. 17.2 Oscillator Configurations 17.2.1 OSCILLATOR TYPES The PIC17CXXX can be operated in four different oscil- lator modes. The user can program two configuration bits (FOSC1:FOSC0) to select one of these four modes: • LF Low Power Crystal • XT Crystal/Resonator • EC External Clock Input • RC Resistor/Capacitor For information on the different oscillator types and how to use them, please refer to Section 4.0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |