Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 116Page - Microchip Technology PIC17C44 Datasheet HTML 117Page - Microchip Technology PIC17C44 Datasheet HTML 118Page - Microchip Technology PIC17C44 Datasheet HTML 119Page - Microchip Technology PIC17C44 Datasheet HTML 120Page - Microchip Technology PIC17C44 Datasheet HTML 121Page - Microchip Technology PIC17C44 Datasheet HTML 122Page - Microchip Technology PIC17C44 Datasheet HTML 123Page - Microchip Technology PIC17C44 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 240 page
background image
PIC17C4X
DS30412C-page 120
© 1996 Microchip Technology Inc.
CPFSLT
Compare f with WREG,
skip if f < WREG
Syntax:
[
label ] CPFSLT
f
Operands:
0
≤ f ≤ 255
Operation:
(f) –
(WREG),
skip if (f) < (WREG)
(unsigned comparison)
Status Affected:
None
Encoding:
0011
0000
ffff
ffff
Description:
Compares the contents of data memory
location 'f' to the contents of WREG by
performing an unsigned subtraction.
If the contents of 'f' < the contents of
WREG, then the fetched instruction is
discarded and an NOP is executed
instead making this a two-cycle instruc-
tion.
Words:
1
Cycles:
1 (2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
NOP
If skip:
Q1
Q2
Q3
Q4
Forced NOP
NOP
Execute
NOP
Example:
HERE
CPFSLT REG
NLESS
:
LESS
:
Before Instruction
PC
=
Address (HERE)
W=
?
After Instruction
If REG
<
WREG;
PC
=
Address (LESS)
If REG
≥
WREG;
PC
=
Address (NLESS)
DAW
Decimal Adjust WREG Register
Syntax:
[
label] DAW
f,s
Operands:
0
≤ f ≤ 255
s
∈ [0,1]
Operation:
If [WREG<3:0> >9] .OR. [DC = 1] then
WREG<3:0> + 6
→ f<3:0>, s<3:0>;
else
WREG<3:0>
→ f<3:0>, s<3:0>;
If [WREG<7:4> >9] .OR. [C = 1] then
WREG<7:4> + 6
→ f<7:4>, s<7:4>
else
WREG<7:4>
→ f<7:4>, s<7:4>
Status Affected:
C
Encoding:
0010
111s
ffff
ffff
Description:
DAW adjusts the eight bit value in
WREG resulting from the earlier addi-
tion of two variables (each in packed
BCD format) and produces a correct
packed BCD result.
s = 0:
Result is placed in Data
memory location 'f' and
WREG.
s = 1:
Result is placed in Data
memory location 'f'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write
register 'f'
and other
specified
register
Example1:
DAW
REG1, 0
Before Instruction
WREG
=
0xA5
REG1
=
??
C=
0
DC
=
0
After Instruction
WREG
=
0x05
REG1
=
0x05
C=
1
DC
=
0
Example 2:
Before Instruction
WREG
=
0xCE
REG1
=
??
C=
0
DC
=
0
After Instruction
WREG
=
0x24
REG1
=
0x24
C=
1
DC
=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com