Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 183Page - Microchip Technology PIC17C44 Datasheet HTML 184Page - Microchip Technology PIC17C44 Datasheet HTML 185Page - Microchip Technology PIC17C44 Datasheet HTML 186Page - Microchip Technology PIC17C44 Datasheet HTML 187Page - Microchip Technology PIC17C44 Datasheet HTML 188Page - Microchip Technology PIC17C44 Datasheet HTML 189Page - Microchip Technology PIC17C44 Datasheet HTML 190Page - Microchip Technology PIC17C44 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 187
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 19-5: TIMER0 CLOCK TIMINGS
TABLE 19-5:
TIMER0 CLOCK REQUIREMENTS
FIGURE 19-6: TIMER1, TIMER2, AND TIMER3 CLOCK TIMINGS
TABLE 19-6:
TIMER1, TIMER2, AND TIMER3 CLOCK REQUIREMENTS
Parameter
No.
Sym Characteristic
Min
Typ† Max Units Conditions
40
Tt0H T0CKI High Pulse Width
No Prescaler
0.5TCY + 20 §
—
—
ns
With Prescaler
10*
—
—
ns
41
Tt0L T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20 §
—
—
ns
With Prescaler
10*
—
—
ns
42
Tt0P T0CKI Period
Greater of:
20 ns or Tcy + 40 §
N
—
—
ns
N = prescale value
(1, 2, 4, ..., 256)
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
§
This specification ensured by design.
Parameter
No.
Sym
Characteristic
Min
Typ
†
Max
Units Conditions
45
Tt123H
TCLK12 and TCLK3 high time
0.5TCY + 20 §
—
—
ns
46
Tt123L
TCLK12 and TCLK3 low time
0.5TCY + 20 §
—
—
ns
47
Tt123P
TCLK12 and TCLK3 input period
TCY + 40 §
N
—
—
ns
N = prescale value
(1, 2, 4, 8)
48
TckE2tmrI Delay from selected External Clock Edge to
Timer increment
2TOSC §
6Tosc §
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
§
This specification ensured by design.
RA1/T0CKI
40
41
42
TCLK12
45
46
or
TCLK3
TMRx
48
48
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com