Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 189Page - Microchip Technology PIC17C44 Datasheet HTML 190Page - Microchip Technology PIC17C44 Datasheet HTML 191Page - Microchip Technology PIC17C44 Datasheet HTML 192Page - Microchip Technology PIC17C44 Datasheet HTML 193Page - Microchip Technology PIC17C44 Datasheet HTML 194Page - Microchip Technology PIC17C44 Datasheet HTML 195Page - Microchip Technology PIC17C44 Datasheet HTML 196Page - Microchip Technology PIC17C44 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 193
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
20.0
PIC17CR42/42A/43/R43/44 DC AND AC CHARACTERISTICS
The graphs and tables provided in this section are for design guidance and are not tested nor guaranteed. In some
graphs or tables the data presented is outside specified operating range (e.g. outside specified VDD range). This is for
information only and devices are ensured to operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period of
time. "Typical" represents the mean of the distribution while "max" or "min" represents (mean + 3
σ) and (mean - 3σ)
respectively where
σ is standard deviation.
TABLE 20-1:
PIN CAPACITANCE PER PACKAGE TYPE
FIGURE 20-1: TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
Pin Name
Typical Capacitance (pF)
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
All pins, except MCLR,
VDD, and VSS
10
10
10
10
MCLR pin
20
20
20
20
FOSC
FOSC (25
°C)
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
010
20
25
30
40
50
60
70
T(
°C)
Frequency normalized to +25
°C
VDD = 5.5V
VDD = 3.5V
Rext
≥ 10 kΩ
Cext = 100 pF
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com