Electronic Components Datasheet Search
  English  ▼

X  

PIC17C44 Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 204Page - Microchip Technology PIC17C44 Datasheet HTML 205Page - Microchip Technology PIC17C44 Datasheet HTML 206Page - Microchip Technology PIC17C44 Datasheet HTML 207Page - Microchip Technology PIC17C44 Datasheet HTML 208Page - Microchip Technology PIC17C44 Datasheet HTML 209Page - Microchip Technology PIC17C44 Datasheet HTML 210Page - Microchip Technology PIC17C44 Datasheet HTML 211Page - Microchip Technology PIC17C44 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 240 page
background image
PIC17C4X
DS30412C-page 208
© 1996 Microchip Technology Inc.
21.4
44-Lead Plastic Surface Mount (MQFP 10x10 mm Body 1.6/0.15 mm Lead Form)
Package Group: Plastic MQFP
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
7
°
0
°
7
°
A
2.000
2.350
0.078
0.093
A1
0.050
0.250
0.002
0.010
A2
1.950
2.100
0.768
0.083
b
0.300
0.450
Typical
0.011
0.018
Typical
C
0.150
0.180
0.006
0.007
D
12.950
13.450
0.510
0.530
D1
9.900
10.100
0.390
0.398
D3
8.000
8.000
Reference
0.315
0.315
Reference
E
12.950
13.450
0.510
0.530
E1
9.900
10.100
0.390
0.398
E3
8.000
8.000
Reference
0.315
0.315
Reference
e
0.800
0.800
0.031
0.032
L
0.730
1.030
0.028
0.041
N
4444
4444
CP
0.102
–
0.004
–
Index
area
9
b
TYP 4x
Base
Plane
A2
e
B
A
A1
Seating
Plane
6
D
D1
D3
4
5
7
E3
E1
E
10
0.20 M
A-B
0.05 mm/mm D
HS
S
D
0.20 M
A-B
CS
S
D
7
5
4
0.20 M
A-B
CS
S
D
0.20 M
A-B
HS
S
D
0.05 mm/mm A-B
C
L
1.60 Ref.
0.13/0.30 R
0.13 R min.
0.20 min.
PARTING
LINE
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com