Electronic Components Datasheet Search
  English  ▼

X  

NCL30161 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCL30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30161 Datasheet(HTML) 6 Page - ON Semiconductor

  NCL30161 Datasheet HTML 1Page - ON Semiconductor NCL30161 Datasheet HTML 2Page - ON Semiconductor NCL30161 Datasheet HTML 3Page - ON Semiconductor NCL30161 Datasheet HTML 4Page - ON Semiconductor NCL30161 Datasheet HTML 5Page - ON Semiconductor NCL30161 Datasheet HTML 6Page - ON Semiconductor NCL30161 Datasheet HTML 7Page - ON Semiconductor NCL30161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCL30161
http://onsemi.com
6
Theory of Operation
This switching power supply is comprised of an inverted
buck regulator controlled by a current mode, hysteretic
control circuit. The buck regulator operates exactly like a
conventional buck regulator except the power device
placement has been inverted to allow for a low side power
FET. Referring to Figure 1, when the FET is conducting,
current flows from the input, through the inductor, the LED
and the FET to ground.
When the FET shuts off, current continues to flow through
the inductor and LED, but is diverted through the diode
(D1). This operation keeps the current in the LED
continuous with a continuous current ramp.
The control circuit controls the current hysteretically.
Figure 2 illustrates the operation of this circuit. The CS
comparator thresholds are set to provide a 10% current
ripple. The peak current comparator threshold of 220 mV
sets Ipeak at 10% above the average current while the valley
current comparator threshold of 180 mV sets Ivalley at 10%
below the average current.
When the FET is conducting, the current in the inductor
ramps up. This current is sensed by the sense resistor that is
connected from CS to ground. When the voltage on the CS
pin reaches 220 mV, the peak current comparator turns off
the power FET. A conventional hysteretic controller would
monitor the load current and turn the switch back on when
the CS pin reaches 180 mV. But in this topology the current
information is not available to the control circuit when the
FET is off. To set the proper FET off time, the CS voltage is
sensed when the FET is turned back on and a correction
signal is sent to the off time circuit to adjust the off time as
necessary. When the FET is turned on, there can be a lot of
ringing on the CS pin that would make the voltage on the CS
pin be an unreliable measure of the current through the FET.
An 85 ns blanking timer is started when the GATE voltage
starts to go high, to allow this ringing to settle down. At the
end of this blanking timer, CS voltage is sensed to determine
the valley current.
Figure 4. Typical Current Waveforms
The current wave shape is triangular, and the peak and
valley currents are controlled. The average value for a
triangular wave shape is halfway between the peak and
valley, so even with changes in duty cycle due to input
voltage variations or load changes, the average current will
remain constant.
Over Current Protection Feature
In the event there is a short−circuit across the LEDs, a
large amount of current could potentially flow through the
circuit during startup. To protect against this, the NCL30161
comes with a short circuit protection feature. If the voltage
on the CS pin is detected to be greater than the over current
protection limit, the NCL30161 will turn off the FET, and
prevent the FET from turning on again until power is
recycled to the NCL30161.
Undervoltage Lockout
When VIN rises above the UVLO threshold voltage,
switching operation of the FET will begin. However, until
the VIN voltage reaches 8 V, the VCC regulator may not
provide the expected gate drive voltage to the FET. This
could result in the RDS(on) of the FET being higher than
expected or there not being enough gate drive capability to
operate at the maximum rated switching frequency. For
optimal performance, it is recommended to operate the part
at a VIN voltage of 8 V or greater.
Setting The Output Current
The average output current is determined as being the
middle of the peak and valley of the output current, set by the
CS comparator thresholds. The nominal average output
current will be the current value equivalent to 200 mV at the
CS pin. The proper RSENSE value for a desired average
output current can be calculated by:
RSENSE +
200 mV
ILED
PWM Dimming
For a given RSENSE value, the average output current, and
therefore the brightness of the LED, can be set to a lower
value through the DIM/EN pin. When the DIM/EN pin is
brought low, the internal FET will turn off and switching
will remain off until the DIM/EN pin is brought back into its
high state.
By applying a pulsed signal to DIM/EN, the average
output current can be adjusted to the duty ratio of the pulsed
signal. It is recommended to keep the frequency of the
DIM/EN signal above 100 Hz to avoid any visible flickering
of the LED.


Similar Part No. - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30160DR2G ONSEMI-NCL30160DR2G Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com