Electronic Components Datasheet Search
  English  ▼

X  

NCL30161 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCL30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30161 Datasheet(HTML) 7 Page - ON Semiconductor

  NCL30161 Datasheet HTML 1Page - ON Semiconductor NCL30161 Datasheet HTML 2Page - ON Semiconductor NCL30161 Datasheet HTML 3Page - ON Semiconductor NCL30161 Datasheet HTML 4Page - ON Semiconductor NCL30161 Datasheet HTML 5Page - ON Semiconductor NCL30161 Datasheet HTML 6Page - ON Semiconductor NCL30161 Datasheet HTML 7Page - ON Semiconductor NCL30161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCL30161
http://onsemi.com
7
Inductor Selection
The inductor that is used directly affects the switching
frequency the driver operates at. The value of the inductor
sets the slope at which the output current rises and falls
during the switching operation. The slope of the current, in
turn, determines how long it takes the current to go from the
valley point of the current ripple to the peak when the FET
is on and the current and rising, and how long it takes the
current to go from the peak point of the current to the valley
when the FET is off and the current is falling. These times
can be approximated from the following equations:
+
L
DI
VIN * VLED * IOUT
FETR
DS
(on) ) DCRL ) RSENSE
tON
tOFF +
L
DI
VLED ) Vdiode ) IOUT DCRL
Where DCRL is the dc resistance of the inductor, VLED is the
forward voltages of the LEDs, FETRDS(ON) is the
on−resistance of the power MOSFET, and Vdiode is the
forward voltage of the catch diode.
The switching frequency can then be approximated from
the following:
fSW +
1
tON ) tOFF
Higher values of inductance lead to slower rates of rise
and fall of the output current. This allows for smaller
discrepancies between the expected and actual output
current ripple due to propagation delays between sensing at
the CS pin and the turning on and off of the power MOSFET.
However, the inductor value should be chosen such that the
peak output current value does not exceed the rated
saturation current of the inductor.
Catch Diode Selection
The catch diode needs to be selected such that the average
current through the diode does not exceed the rated average
forward current of the diode. The average current through
the diode can be calculated as:
Iavg_diode + IOUT
tOFF
tON ) tOFF
It is also important to select a diode that is capable of
withstanding the peak reverse voltage it will see in the
application. It is recommended to select a diode with a rated
reverse voltage greater than VIN. It is also recommended to
use a low−capacitance Schottky diode for better efficiency
performance
.
Selecting The Off−Time Setting Resistor
The off−time setting resistor (ROT) programs the
NCL30161 with the initial time duration that the MOSFET
is turned off when the switching operation begins. During
subsequent switching cycles, the voltage at the CS pin is
sensed every time the MOSFET is turned on, and the
off−time will be adjusted depending on how much of a
discrepancy exists between the sensed value and the CS
lower limit threshold value. Selecting an appropriate ROT
value allows the system to quickly achieve the intended
current regulation. The ROT value can be calculated using
the following equation:
ROT + tOFF 1011 W
Where tOFF is the expected off time during normal switching
operation, calculated in the Inductor Selection section
above.
Every time the DIM/EN pin is brought from a low state to
a high state, the initial off−time program is reset. The first
off−time of the MOSFET after the DIM/EN is brought high
will be set by the ROT value. The off−time will then be
adjusted in subsequent switching cycles.
Input Capacitor
A decoupling capacitor from VIN to ground should be
used to provide the current needed when the power
MOSFET turns on. A 10
mF ceramic capacitor is
recommended.


Similar Part No. - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30160DR2G ONSEMI-NCL30160DR2G Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com