Electronic Components Datasheet Search
  English  ▼

X  

NCL30161 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30161 Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30161 Datasheet HTML 1Page - ON Semiconductor NCL30161 Datasheet HTML 2Page - ON Semiconductor NCL30161 Datasheet HTML 3Page - ON Semiconductor NCL30161 Datasheet HTML 4Page - ON Semiconductor NCL30161 Datasheet HTML 5Page - ON Semiconductor NCL30161 Datasheet HTML 6Page - ON Semiconductor NCL30161 Datasheet HTML 7Page - ON Semiconductor NCL30161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 0
1
Publication Order Number:
NCL30161/D
NCL30161
Constant-Current Buck
Regulator for Driving High
Power LEDs
The NCL30161 is a hysteretic step−down, constant−current driver
for high power LEDs. Ideal for industrial and general lighting
applications utilizing minimal external components. The NCL30161
operates with an input voltage range from 6.3 V to 40 V. The hysteretic
control gives good power supply rejection and fast response during
load transients and PWM dimming to LED arrays of varying number
and type. A dedicated PWM input (DIM/EN) enables a wide range of
pulsed dimming, and a high switching frequency allows the use of
smaller external components minimizing space and cost. Protection
features include resistor−programmed constant LED current, shorted
LED protection, under−voltage and thermal shutdown. The
NCL30161 is available in a DFN10 3 mm x 3 mm package.
Features
VIN Range 6.3 V to 40 V
Short LED Shutdown Protection: (NCL30161 Latching)
No Control Loop Compensation Required
Adjustable LED Current
Single Pin Brightness and Enable/Disable Control Using PWM
Supports All−Ceramic Output Capacitors and Capacitor−less Outputs
Thermal Shutdown Protection
Capable of 100% Duty Cycle Operation
This is a Pb−Free Device
TYPICAL Application
LED Driver
Constant Current Source
General Illumination
Industrial Lighting
D1
NCL30161
VIN
VIN
VCC
CS
GATE
GND
ROT
LED
LED
RSENSE
L1
CIN
ROT
CVCC
DIM/Enable
Figure 1. Typical Application Circuit
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCL30161MNTXG
DFN10
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DFN10
CASE 485C
MARKING DIAGRAM
PIN CONNECTIONS
CS
NC
GND
VCC
GATE
VIN
ROT
DIM/EN
30161 = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
30161
ALYWG
G
(*Note: Microdot may be in either location)
NC
NC
1
2
3
4
5
10
9
8
7
6
(Top View)


Similar Part No. - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30160DR2G ONSEMI-NCL30160DR2G Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com