Electronic Components Datasheet Search
  English  ▼

X  

NCL30161 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCL30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30161 Datasheet(HTML) 2 Page - ON Semiconductor

  NCL30161 Datasheet HTML 1Page - ON Semiconductor NCL30161 Datasheet HTML 2Page - ON Semiconductor NCL30161 Datasheet HTML 3Page - ON Semiconductor NCL30161 Datasheet HTML 4Page - ON Semiconductor NCL30161 Datasheet HTML 5Page - ON Semiconductor NCL30161 Datasheet HTML 6Page - ON Semiconductor NCL30161 Datasheet HTML 7Page - ON Semiconductor NCL30161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCL30161
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
Application Information
1
CS
Current Sense feedback pin
Set the current through the LED array by connecting a resistor from this pin to
ground.
2, 4, 7
NC
No Connect
3
GND
Ground Pin
Ground. Reference point for all voltages
5
VCC
Output of Internal 5 V linear
regulator
The VCC pin supplies the power to the internal circuitry. The VCC is the out-
put of a linear regulator which is powered from VIN. A 2 mF ceramic capacitor
is recommended for bypassing and should be placed as close as possible to
the VCC and GND pins. Do not connect to an external load.
6
ROT
Initial Off−Time Setting
Resistor
Resistor ROT from this pin to VCC sets the initial off−time range for the hys-
teretic controller.
8
DIM/EN
PWM Dimming Control and
ENABLE
Connect a logic−level PWM signal to this pin to enable/disable the power
MOSFET and LED array
9
VIN
Input Voltage Pin
Nominal operating input range is 6.3 V to 40 V. Input supply pin to the internal
circuitry and the positive input to the current sense comparators. Due to high
frequency noise, a 10 mF ceramic capacitor is recommended to be placed as
close as possible to VIN and power ground.
10
GATE
Driver Output
Connect to the gate of the external MOSFET.
11
FLAG
Thermal flag. There is no electrical connection to the IC. Connect to ground
plane.


Similar Part No. - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30160DR2G ONSEMI-NCL30160DR2G Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com