Electronic Components Datasheet Search
  English  ▼

X  

NCL30161 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCL30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30161 Datasheet(HTML) 3 Page - ON Semiconductor

  NCL30161 Datasheet HTML 1Page - ON Semiconductor NCL30161 Datasheet HTML 2Page - ON Semiconductor NCL30161 Datasheet HTML 3Page - ON Semiconductor NCL30161 Datasheet HTML 4Page - ON Semiconductor NCL30161 Datasheet HTML 5Page - ON Semiconductor NCL30161 Datasheet HTML 6Page - ON Semiconductor NCL30161 Datasheet HTML 7Page - ON Semiconductor NCL30161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCL30161
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
VIN to GND
VIN
−0.3
40
V
Driver Output Voltage to GND
GATE
6.5
V
VCC to GND
VCC
6
V
DIM/EN to GND
DIM
−0.3
6
V
CS to GND
CS
−0.3
6
V
ROT to GND
ROT
−0.3
6
V
Absolute Maximum junction temperature
TJ(MAX)
150
°C
Operating Junction Temperature Range
TJ
−40
125
°C
Storage Temperature Range
Tstg
−55 to +125
°C
Thermal Characteristics
DFN10 3x3 Plastic Package
Maximum Power Dissipation @ TA = 25°C (Note 1)
PD
1.46
W
Thermal Resistance Junction−to−Ambient (Note 2)
RqJA
86
°C/W
Lead Temperature Soldering (10 sec):
Reflow (SMD styles only) Pb−Free (Note 3)
TL
260
°C
Moisture Sensitivity Level (Note 4)
MSL
1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
RqJA
2. When mounted on a multi−layer board with 35 mm2 copper area, using 1 oz Cu.
3. 60−180 seconds minimum above 237°C.
4. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.


Similar Part No. - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30160DR2G ONSEMI-NCL30160DR2G Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com