Electronic Components Datasheet Search
  English  ▼

X  

NCL30161 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCL30161
Description  Constant-Current Buck Regulator for Driving High Power LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30161 Datasheet(HTML) 4 Page - ON Semiconductor

  NCL30161 Datasheet HTML 1Page - ON Semiconductor NCL30161 Datasheet HTML 2Page - ON Semiconductor NCL30161 Datasheet HTML 3Page - ON Semiconductor NCL30161 Datasheet HTML 4Page - ON Semiconductor NCL30161 Datasheet HTML 5Page - ON Semiconductor NCL30161 Datasheet HTML 6Page - ON Semiconductor NCL30161 Datasheet HTML 7Page - ON Semiconductor NCL30161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCL30161
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Unless otherwise noted: VIN = 12 V, TA = 25°C, unless otherwise specified.)
Symbol
Characteristics
Min
Typ
Max
Unit
SYSTEM PARAMETERS
VIN
Input Supply Voltage Range
Normal Operation
8.0
40
V
Functional (Note 5)
6.3
IQ_IN
Quiescent Current into VIN
1.5
mA
VCC
Internal Regulator Output (Note 6)
5.0
V
VUV+
Under−Voltage Lock−out Threshold (VIN Rising)
5.5
6.0
6.5
V
VUV−
Under−Voltage Lock−out Threshold (VIN Falling)
5.2
5.6
6.3
V
CURRENT LIMIT AND REGULATION
VCS_UL
CS Regulation Upper Limit
(CS Increasing, FET Turns−OFF)
25°C
213
220
226
mV
−40 to 125°C
209
231
VCS_LL
CS Regulation Lower Limit
(CS Decreasing, FET Turns−ON)
25°C
174
180
186
mV
−40 to 125°C
171
189
VHYS
CS Hysteresis
35
45
mV
VOCP
Over Current Protect Limit (Reference to CS Pin)
475
500
525
mV
FSW
Switching Frequency Range (Note 7)
2400
kHz
Cin_CS
CS Pin Input Capacitance (Note 7)
4.0
5.0
6.0
pF
tBLANKING
CS Blanking Timer (Note 7)
60
73
90
ns
DIM INPUT
VPWMH/L
PWM (DIM/EN) high level input voltage
1.4
V
VPWML
PWM (DIM/EN) low level input voltage
0.4
V
IDIM−PU
DIM/EN Pull−up Current
35
50
65
mA
fpwm
PWM (DIM/EN) dimming frequency range
0.1
20
kHz
dmax
Maximum Duty Cycle (Note 7)
100
%
MOSFET DRIVER
RGATE_Source
Sourcing Current
4.5
9.0
13.5
W
RGATE_Sink
Sinking Current
0.2
0.4
0.6
W
THERMAL SHUTDOWN
TSD
Thermal Shutdown (Note 7)
160
165
180
°C
THyst
Thermal Hysteresis (Note 7)
30
40
60
°C
OFF TIMER
tOFF−MIN
Minimum Off−time
110
137
165
ns
5. The functional range of VIN is the voltage range over which the device will function. Output current and internal parameters may deviate from
normal values for VIN and VCC voltages between 6.3 V and 8 V, depending on load conditions
6. VCC should not be driven from a voltage higher than VIN or in the absence of a voltage at VIN.
7. Guaranteed by design.


Similar Part No. - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30160DR2G ONSEMI-NCL30160DR2G Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com