Electronic Components Datasheet Search
  English  ▼

X  

SA5411 Datasheet(PDF) 1 Page - AUK corp

Part # SA5411
Description  LED Lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SA5411 Datasheet(HTML) 1 Page - AUK corp

  SA5411 Datasheet HTML 1Page - AUK corp SA5411 Datasheet HTML 2Page - AUK corp SA5411 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KLA-0010-000
1
SA5411 / SA5411(B)
LED Lamp
Features
• Colored transparency lens type
• φ5mm(T-13/4) all plastic mold type
• High reliability and long term stability
Outline Dimensions
unit : mm
STRAIGHT TYPE
STOPPER TYPE
5.8±0.2
12
8.6±0.2
23.0 MIN
5.8±0.2
1
2
8.6±0.2
23.0 MIN
0.8±0.2
0.8±0.2
5.0±0.2
5.0±0.2
1.0MIN
1.0MIN
2.54NOM
2.54NOM
0.5
0.5
PIN Connections
1.Anode
2.Cathode
S
Seem
miiccoon
nd
du
uccttoorr


Similar Part No. - SA5411

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SA5411 KODENSHI-SA5411 Datasheet
252Kb / 3P
LAMP LED
logo
AUK corp
SA5411B AUK-SA5411B Datasheet
180Kb / 4P
LED Lamp
SA5411 AUK-SA5411_1 Datasheet
180Kb / 4P
LED Lamp
More results

Similar Description - SA5411

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com