Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16 Datasheet(PDF) 194 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 194 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 190Page - ATMEL Corporation ATMEGA16 Datasheet HTML 191Page - ATMEL Corporation ATMEGA16 Datasheet HTML 192Page - ATMEL Corporation ATMEGA16 Datasheet HTML 193Page - ATMEL Corporation ATMEGA16 Datasheet HTML 194Page - ATMEL Corporation ATMEGA16 Datasheet HTML 195Page - ATMEL Corporation ATMEGA16 Datasheet HTML 196Page - ATMEL Corporation ATMEGA16 Datasheet HTML 197Page - ATMEL Corporation ATMEGA16 Datasheet HTML 198Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 315 page
background image
194
ATmega16(L)
2466E–AVR–10/02
Several different scenarios may arise during arbitration, as described below:
•
Two or more masters are performing identical communication with the same slave.
In this case, neither the slave nor any of the masters will know about the bus
contention.
•
Two or more masters are accessing the same slave with different data or direction
bit. In this case, arbitration will occur, either in the READ/WRITE bit or in the data
bits. The masters trying to output a one on SDA while another master outputs a zero
will lose the arbitration. Losing masters will switch to not addressed slave mode or
wait until the bus is free and transmit a new START condition, depending on
application software action.
•
Two or more masters are accessing different slaves. In this case, arbitration will
occur in the SLA bits. Masters trying to output a one on SDA while another master
outputs a zero will lose the arbitration. Masters losing arbitration in SLA will switch to
slave mode to check if they are being addressed by the winning master. If
addressed, they will switch to SR or ST mode, depending on the value of the
READ/WRITE bit. If they are not being addressed, they will switch to not addressed
slave mode or wait until the bus is free and transmit a new START condition,
depending on application software action.
This is summarized in Figure 96. Possible status values are given in circles.
Figure 96. Possible Status Codes Caused by Arbitration
Own
Address / General Call
received
Arbitration lost in SLA
TWI bus will be released and not addressed slave mode will be entered
A START condition will be transmitted when the bus becomes free
No
Arbitration lost in Data
Direction
Yes
Write
Data byte will be received and NOT ACK will be returned
Data byte will be received and ACK will be returned
Last data byte will be transmitted and NOT ACK should be received
Data byte will be transmitted and ACK should be received
Read
B0
68/78
38
SLA
START
Data
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com