Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16 Datasheet(PDF) 223 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 219Page - ATMEL Corporation ATMEGA16 Datasheet HTML 220Page - ATMEL Corporation ATMEGA16 Datasheet HTML 221Page - ATMEL Corporation ATMEGA16 Datasheet HTML 222Page - ATMEL Corporation ATMEGA16 Datasheet HTML 223Page - ATMEL Corporation ATMEGA16 Datasheet HTML 224Page - ATMEL Corporation ATMEGA16 Datasheet HTML 225Page - ATMEL Corporation ATMEGA16 Datasheet HTML 226Page - ATMEL Corporation ATMEGA16 Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 315 page
background image
223
ATmega16(L)
2466E–AVR–10/02
Bypass Register
The Bypass Register consists of a single Shift Register stage. When the Bypass Regis-
ter is selected as path between TDI and TDO, the register is reset to 0 when leaving the
Capture-DR controller state. The Bypass register can be used to shorten the scan chain
on a system when the other devices are to be tested.
Device Identification Register
Figure 114 shows the structure of the Device Identification Register.
Figure 114. The Format of the Device Identification Register
• Version
Version is a 4 bit number identifying the revision of the component. The relevant version
number is shown in Table 86.
•Part Number
The part number is a 16-bit code identifying the component. The JTAG Part Number for
ATmega16 is listed in Table 87.
•Manufacturer ID
The Manufacturer ID is a 11 bit code identifying the manufacturer. The JTAG manufac-
turer ID for ATMEL is listed in Table 88.
Reset Register
The Reset Register is a Test Data Register used to reset the part. Since the AVR tri-
states Port Pins when reset, the Reset Register can also replace the function of the
unimplemented optional JTAG instruction HIGHZ.
A high value in the Reset Register corresponds to pulling the External Reset low. The
part is reset as long as there is a high value present in the Reset Register. Depending
on the Fuse settings for the clock options, the part will remain reset for a Reset Time-
Out Period (refer to “Clock Sources” on page 23) after releasing the Reset Register. The
output from this Data Register is not latched, so the reset will take place immediately, as
shown in Figure 115.
MSB
LSB
Bit
31
28
271211
1
0
Device ID
Version
Part Number
Manufacturer ID
1
4 bits
16 bits
11 bits
1 bit
Table 86. JTAG Version Numbers
Version
JTAG Version Number (Hex)
ATmega16 revision G
0x6
ATmega16 revision H
0x6
Table 87. AVR JTAG Part Number
Part Number
JTAG Part Number (Hex)
ATmega16
0x9403
Table 88. Manufacturer ID
Manufacturer
JTAG Man. ID (Hex)
ATMEL
0x01F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com