Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16 Datasheet(PDF) 229 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 225Page - ATMEL Corporation ATMEGA16 Datasheet HTML 226Page - ATMEL Corporation ATMEGA16 Datasheet HTML 227Page - ATMEL Corporation ATMEGA16 Datasheet HTML 228Page - ATMEL Corporation ATMEGA16 Datasheet HTML 229Page - ATMEL Corporation ATMEGA16 Datasheet HTML 230Page - ATMEL Corporation ATMEGA16 Datasheet HTML 231Page - ATMEL Corporation ATMEGA16 Datasheet HTML 232Page - ATMEL Corporation ATMEGA16 Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 315 page
background image
229
ATmega16(L)
2466E–AVR–10/02
Figure 120. Boundary-scan Cells for Oscillators and Clock Options
Table 89 summaries the scan registers for the external clock pin XTAL1, Oscillators with
XTAL1/XTAL2 connections as well as 32 kHz Timer Oscillator.
Notes:
1. Do not enable more than one clock source as main clock at a time.
2. Scanning an Oscillator output gives unpredictable results as there is a frequency drift
between the Internal Oscillator and the JTAG TCK clock. If possible, scanning an
external clock is preferred.
3. The clock configuration is programmed by fuses. As a fuse is not changed run-time,
the clock configuration is considered fixed for a given application. The user is advised
to scan the same clock option as to be used in the final system. The enable signals
are supported in the scan chain because the system logic can disable clock options
in sleep modes, thereby disconnecting the Oscillator pins from the scan path if not
provided. The INTCAP fuses are not supported in the scan-chain, so the boundary
scan chain can not make a XTAL Oscillator requiring internal capacitors to run unless
the fuse is correctly programmed.
Scanning the Analog
Comparator
The relevant Comparator signals regarding Boundary-scan are shown in Figure 121.
The Boundary-scan cell from Figure 122 is attached to each of these signals. The sig-
nals are described in Table 90.
The Comparator need not be used for pure connectivity testing, since all analog inputs
are shared with a digital port pin as well.
Table 89. Scan Signals for the Oscillators
(1)(2)(3)
Enable Signal
Scanned Clock Line
Clock Option
Scanned Clock Line
when not Used
EXTCLKEN
EXTCLK (XTAL1)
External Clock
0
OSCON
OSCCK
External Crystal
External Ceramic
Resonator
0
RCOSCEN
RCCK
External RC
1
OSC32EN
OSC32CK
Low Freq. External Crystal
0
TOSKON
TOSCK
32 kHz Timer Oscillator
0
0
1
DQ
From
Previous
Cell
ClockDR
ShiftDR
To
Next
Cell
FF1
0
1
DQ
DQ
G
0
1
From
Previous
Cell
ClockDR
UpdateDR
ShiftDR
To
Next
Cell
EXTEST
XTAL1/TOSC1
XTAL2/TOSC2
Oscillator
ENABLE
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com