Electronic Components Datasheet Search
  English  ▼

X  

LM7332 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM7332
Description  Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7332 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM7332 Datasheet HTML 14Page - Texas Instruments LM7332 Datasheet HTML 15Page - Texas Instruments LM7332 Datasheet HTML 16Page - Texas Instruments LM7332 Datasheet HTML 17Page - Texas Instruments LM7332 Datasheet HTML 18Page - Texas Instruments LM7332 Datasheet HTML 19Page - Texas Instruments LM7332 Datasheet HTML 20Page - Texas Instruments LM7332 Datasheet HTML 21Page - Texas Instruments LM7332 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
10p
1n
100n
10µ
CL (pF)
100n
10µ
100µ
10n
100p
0.1
1
10
100
SETTLING TIME
100 mVPP STEP
SLEW RATE
VS = 10V
AV = +1
10µ
100µ
1m
10m
IOUT (A)
10m
100m
1
10
100m
VS = 10V
VID = 20 mV
20:
100:
50:
200:
2 k:
600:
1 k:
10µ
100µ
1m
10m
IOUT (A)
1m
10m
100m
10
VS = 10V
VID = -20 mV
200:
2 k:
600:
1 k:
100:
20:
50:
100m
1
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
Figure 48. Steady-State Output Sinking Characteristics
Figure 47. Steady-State Output Sourcing Characteristics
With Load Lines
With Load Lines
7.4 Device Functional Modes
7.4.1 Driving Capacitive Loads
The LM7332 is specifically designed to drive unlimited capacitive loads without oscillations as shown in
Figure 49.
Figure 49. Settling Time and Slew Rate vs Capacitive Load
In addition, the output current handling capability of the device allows for good slewing characteristics even with
large capacitive loads as shown in Figure 49. The combination of these features is ideal for applications such as
TFT flat panel buffers, A/D converter input amplifiers and power transistor driver.
However, as in most operational amplifiers, addition of a series isolation resistor between the operational
amplifier and the capacitive load improves the settling and overshoot performance.
Output current drive is an important parameter when driving capacitive loads. This parameter will determine how
fast the output voltage can change. Referring to Figure 49, two distinct regions can be identified. Below about
10,000 pF, the output slew rate is solely determined by the compensation capacitor value of the operational
amplifier and available current into that capacitor. Beyond 10 nF, the slew rate is determined by the available
output current of the operational amplifier. An estimate of positive and negative slew rates for loads larger than
100 nF can be made by dividing the short circuit current value by the capacitor.
18
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332


Similar Part No. - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332 TI2-LM7332 Datasheet
890Kb / 37P
LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
REVISED JANUARY 2016
logo
National Semiconductor ...
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332MA/NOPB TI2-LM7332MA/NOPB Datasheet
890Kb / 37P
LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
REVISED JANUARY 2016
logo
National Semiconductor ...
LM7332MAX NSC-LM7332MAX Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
More results

Similar Description - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com