Electronic Components Datasheet Search
  English  ▼

X  

LM7332 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM7332
Description  Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7332 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7332 Datasheet HTML 15Page - Texas Instruments LM7332 Datasheet HTML 16Page - Texas Instruments LM7332 Datasheet HTML 17Page - Texas Instruments LM7332 Datasheet HTML 18Page - Texas Instruments LM7332 Datasheet HTML 19Page - Texas Instruments LM7332 Datasheet HTML 20Page - Texas Instruments LM7332 Datasheet HTML 21Page - Texas Instruments LM7332 Datasheet HTML 22Page - Texas Instruments LM7332 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LM7332
www.ti.com
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
Device Functional Modes (continued)
7.4.2 Output Voltage Swing Close to V
The output stage design of the LM7332 allows voltage swings to within millivolts of either supply rail for
maximum flexibility and improved useful range. Because of this design architecture, with output approaching
either supply rail, the output transistor collector-base junction reverse bias decreases. With output less than a Vbe
from either rail, the corresponding output transistor operates near saturation. In this mode of operation, the
transistor exhibits higher junction capacitance and lower ft which reduces phase margin. With the Noise Gain
(NG = 1 + RF/RG, RF and RG are external gain setting resistors) of 2 or higher, there is sufficient phase margin
that this reduction in phase margin is of no consequence. However, with lower Noise Gain (<2) and with less
than 150 mV to the supply rail, if the output loading is light, the phase margin reduction could result in unwanted
oscillations.
In the case of the LM7332, due to inherent architectural specifics, the oscillation occurs only with respect to the
output transistor at Vwhen output swings to within 150 mV of V. However, if this output transistor's collector
current is larger than its idle value of a few microamps, the phase margin loss becomes insignificant. In this case,
300
μA is the required collector current of the output transistor to remedy this situation. Therefore, when all the
aforementioned critical conditions are present at the same time (NG < 2, VOUT < 150 mV from supply rails and
output load is light) it is possible to ensure stability by adding a load resistor to the output to provide the output
transistor the necessary minimum collector current (300
μA).
For 12-V (or ±6-V) operation, for example, add a 39-k
Ω resistor from the output to V+ to cause 300-µA output
sinking current and ensure stability. This is equivalent to about 15% increase in total quiescent power dissipation.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM7332


Similar Part No. - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332 TI2-LM7332 Datasheet
890Kb / 37P
LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
REVISED JANUARY 2016
logo
National Semiconductor ...
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332MA/NOPB TI2-LM7332MA/NOPB Datasheet
890Kb / 37P
LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier
REVISED JANUARY 2016
logo
National Semiconductor ...
LM7332MAX NSC-LM7332MAX Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
More results

Similar Description - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com