Electronic Components Datasheet Search
  English  ▼

X  

LM7332 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM7332
Description  Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7332 Datasheet(HTML) 1 Page - Texas Instruments

  LM7332 Datasheet HTML 1Page - Texas Instruments LM7332 Datasheet HTML 2Page - Texas Instruments LM7332 Datasheet HTML 3Page - Texas Instruments LM7332 Datasheet HTML 4Page - Texas Instruments LM7332 Datasheet HTML 5Page - Texas Instruments LM7332 Datasheet HTML 6Page - Texas Instruments LM7332 Datasheet HTML 7Page - Texas Instruments LM7332 Datasheet HTML 8Page - Texas Instruments LM7332 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
2 Ps/DIV
10 pF
VS = 10V, AV = +1, RL = 1 M:
2000 pF
10,000 pF
20,000 pF
0.1
1
10
100
1000
ISOURCE (mA)
0.01
0.1
1
10
100
125°C
85°C
-40°C
25°C
VS = 30V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output,
Operational Amplifier
1 Features
3 Description
The LM7332 device is a dual rail-to-rail input and
1
VS = ±15 V, TA = 25°C, Typical Values Unless
output amplifier with a wide operating temperature
Specified
range (
−40°C to +125°C) that meets the needs of
Wide Supply Voltage Range 2.5 V to 32 V
automotive, industrial, and power supply applications.
Wide Input Common Mode Voltage 0.3 V Beyond
The LM7332 has an output current of 100 mA, which
is higher than that of most monolithic operational
Rails
amplifiers. Circuit designs with high output current
Output Short Circuit Current > 100 mA
requirements
often
require
discrete
transistors
High Output Current (1 V from Rails) ±70 mA
because
many
operational
amplifiers
have
low
GBWP 21 MHz
current output. The LM7332 has enough current
output to drive many loads directly, saving the cost
Slew Rate 15.2 V/µs
and space of the discrete transistors.
Capacitive Load Tolerance Unlimited
The exceptionally wide operating supply voltage
Total Supply Current 2 mA
range of 2.5 V to 32 V alleviates any concerns over
Temperature Range
−40°C to +125°C
functionality under extreme conditions and offers
Tested at
−40°C, +125°C,
flexibility of use in a multitude of applications. Most
and +25°C at 5 V, ±5 V, ±15 V
parameters of this device are insensitive to power
supply variations; this design enhancement is another
step in simplifying usage. Greater than rail-to-rail
2 Applications
input common mode voltage range allows operation
MOSFET and Power Transistor Driver
in many applications, including high-side and low-side
Replaces Discrete Transistors in High Current
sensing, without exceeding the input range.
Output Circuits
The LM7332 can drive unlimited capacitive loads
Instrumentation 4–20 mA Current Loops
without oscillations.
Analog Data Transmission
The LM7332 is offered in the 8-pin VSSOP and SOIC
Multiple Voltage Power Supplies and Battery
packages.
Chargers
Device Information(1)
High-Side and Low-Side Current Sensing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Bridge and Sensor Driving
VSSOP (8)
3.00 mm × 3.00 mm
Digital-to-Analog Converter Output
LM7332
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output Swing vs Sourcing Current
Large Signal Step Response for Various
Capacitive Loads
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MAX NSC-LM7332MAX Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MM NSC-LM7332MM Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MME NSC-LM7332MME Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
More results

Similar Description - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com